Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA830IDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830IDBVT
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830IDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA830IDBVT Datasheet HTML 16Page - Texas Instruments OPA830IDBVT Datasheet HTML 17Page - Texas Instruments OPA830IDBVT Datasheet HTML 18Page - Texas Instruments OPA830IDBVT Datasheet HTML 19Page - Texas Instruments OPA830IDBVT Datasheet HTML 20Page - Texas Instruments OPA830IDBVT Datasheet HTML 21Page - Texas Instruments OPA830IDBVT Datasheet HTML 22Page - Texas Instruments OPA830IDBVT Datasheet HTML 23Page - Texas Instruments OPA830IDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
20
OPA830
+5V
−5V
V
O
50
Ω
V
IN
R
F
750
Ω
348
Ω
50
ΩSource
150
Ω
R
G
750
Ω
6.8
µF
+
6.8
µF
+
0.1
µF
0.1
µF
0.01
µF
Figure 3. DC-Coupled, G = +2, Bipolar Supply
Specification and Test Circuit
SINGLE-SUPPLY ADC INTERFACE
The ADC interface on the front page shows a DC-coupled,
single-supply ADC driver circuit. Many systems are now
requiring +3V supply capability of both the ADC and its
driver. The OPA830 provides excellent performance in this
demanding application. Its large input and output voltage
ranges and low distortion support converters such as the
THS1040 shown in the figure on page 1. The input
level-shifting circuitry was designed so that VIN can be
between 0V and 0.5V, while delivering an output voltage
of 1V to 2V for the THS1040.
DC LEVEL-SHIFTING
Figure 4 shows a DC-coupled noninverting amplifier that
level-shifts the input up to accommodate the desired
output voltage range. Given the desired signal gain (G),
and the amount VOUT needs to be shifted up (∆VOUT)
when VIN is at the center of its range, the following
equations give the resistor values that produce the desired
performance. Assume that R4 is between 200Ω and
1.5k
Ω.
NG = G + VOUT/VS
R1 = R4/G
R2 = R4/(NG − G)
R3 = R4/(NG −1)
where:
NG = 1 + R4/R3
VOUT = (G)VIN + (NG − G)VS
Make sure that VIN and VOUT stay within the specified
input and output voltage ranges.
OPA830
+V
S
V
OUT
V
IN
R
3
R
2
R
1
R
4
Figure 4. DC Level-Shifting
The circuit on the front page is a good example of this type
of application. It was designed to take VIN between 0V and
0.5V and produce VOUT between 1V and 2V when using
a
+3V
supply.
This
means
G
=
2.00,
and
∆VOUT = 1.50V − G × 0.25V = 1.00V. Plugging these
values into the above equations (with R4 = 750Ω) gives:
NG = 2.33, R1 = 375Ω, R2 = 2.25kΩ, and R3 = 563Ω. The
resistors were changed to the nearest standard values for
the front page circuit.
AC-COUPLED OUTPUT VIDEO LINE DRIVER
Low-power and low-cost video line drivers often buffer
digital-to-analog converter (DAC) outputs with a gain of 2
into a doubly-terminated line. Those interfaces typically
require a DC blocking capacitor. For a simple solution, that
interface often has used a very large value blocking
capacitor (220
µF) to limit tilt, or SAG, across the frames.
One approach to creating a very low high-pass pole
location using much lower capacitor values is shown in
Figure 5. This circuit gives a voltage gain of 2 at the output
pin with a high-pass pole at 8Hz. Given the 150
Ω load, a
simple blocking capacitor approach would require a 133
µF
value. The two much lower valued capacitors give this
same low-pass pole using this simple SAG correction
circuit of Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com