Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9546ADRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCA9546ADRG4
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546ADRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9546ADRG4 Datasheet HTML 5Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 6Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 9Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 10Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 11Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 12Page - Texas Instruments PCA9546ADRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
Electrical Characteristics
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VPOR
Power-on reset voltage(2)
No load,
VI = VCC or GND
VPOR
1.6
2.1
V
5 V
3.6
4.5 V to 5.5 V
2.6
4.5
3.3 V
1.9
Vpass
Switch output voltage
VSWin = VCC,
ISWout = –100 µA
V
3 V to 3.6 V
1.6
2.8
2.5 V
1.5
2.3 V to 2.7 V
1.1
2
VOL = 0.4 V
3
7
IOL
SCL, SDA
2.3 V to 5.5 V
mA
VOL = 0.6 V
6
10
SCL, SDA
±1
SC3–SC0, SD3–SD0
±1
II
VI = VCC or GND
2.3 V to 5.5 V
µA
A2–A0
±1
RESET
±1
5.5 V
3
12
Operating mode
fSCL = 100 kHz VI = VCC or GND,
IO = 0
3.6 V
3
11
2.7 V
3
10
5.5 V
0.3
1
ICC
Low inputs
VI = GND,
IO = 0
3.6 V
0.1
1
µA
2.7 V
0.1
1
Standby mode
5.5 V
0.3
1
High inputs
VI = VCC,
IO = 0
3.6 V
0.1
1
2.7 V
0.1
1
SCL or SDA input at 0.6 V,
8
15
Other inputs at VCC or GND
Supply-current
ΔICC
SCL, SDA
µA
change
SCL or SDA input at VCC – 0.6 V,
2.3 V to 5.5 V
8
15
Other inputs at VCC or GND
A2–A0
4.5
6
Ci
VI = VCC or GND
2.3 V to 5.5 V
pF
RESET
4.5
5.5
SCL, SDA
15
19
Cio(OFF)
(3)
VI = VCC or GND,
Switch OFF
2.3 V to 5.5 V
pF
SC3–SC0, SD3–SD0
6
8
4.5 V to 5.5 V
4
9
16
VO = 0.4 V,
IO = 15 mA
RON
Switch on-state resistance
3 V to 3.6 V
5
11
20
Ω
VO = 0.4 V,
IO = 10 mA
2.3 V to 2.7 V
7
16
45
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC), TA = 25°C.
(2)
The power-on reset circuit resets the I2C bus logic with VCC < VPOR. VCC must be lowered to 0.2 V to reset the device.
(3)
Cio(ON) depends on internal capacitance and external capacitance added to the SCn lines when channels(s) are ON.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9546A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com