Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E009 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E009
Description  2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E009 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2E009 Datasheet HTML 1Page - Texas Instruments TPD2E009 Datasheet HTML 2Page - Texas Instruments TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
D+
3
1
2
D–
GND
D+
V
CC
D–
1
2
3
4
5
6
N.C.
N.C.
GND
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TPD2E009
www.ti.com.............................................................................................................................................................. SLVS953A – JUNE 2009 – REVISED JUNE 2009
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
DBZ/DRT PACKAGE
• 0.05-pF Matching Capacitance Between the
(TOP VIEW)
Differential Signal Pair
• Single-Pair Differential Lines to Protect the
Differential Data and Clock Lines of the LVDS,
SATA, Ethernet, or USB High-Speed (HS)
Interface
• Flow-Through Pin Mapping for the High-Speed
DRY PACKAGE
Lines Ensures Zero Additional Skew Due to
(TOP VIEW)
Board Layout While Placing ESD-Protection
Chip Near the Connector
• Supports Data Rates in Excess of 6 Gbps
• ESD Protection Meets or Exceeds
IEC61000-4-2 (Level 4)
• 5-A Peak Pulse Current (8/20 µs Pulse) for
VBUS and D+, D–, and ID Lines
N.C. – No internal connection
• Industrial Temperature Range: –40°C to 85°C
• Multiple Space-Saving Package Options
• Notebooks
• Set-Top Boxes
• DVD Players
• Media Players
• Portable Computers
The TPD2E009 provides 2 ESD clamp circuits with flow-through pin mapping for ease of board layout. This
device has been designed to protect sensitive components which are connected to ultra high-speed data and
transmission lines. The TPD2E009 offers protection from stress caused by ESD (electrostatic discharge). This
device also offers 5 A (8/20
µs) peak pulse current ratings per IEC 61000-4-5 (lightning) specification.
The monolithic silicon technology allows matching between the differential signal pairs. The less than differential
0.05-pF capacitance ensures that the differential signal distortion due to added ESD clamp remains minimal. The
0.7-pF line capacitance is suitable for high-speed data rate (in excess of 6 Gbps).
The TPD2E009 conforms to IEC61000-4-2 (Level 4) ESD protection. The DRT (1 mm × 1 mm) package is
offered for space-saving portable applications. The industry standard DBZ (2.4 mm × 2.9 mm) package offers
additional flexibility in the board layout for the system designer.
The TPD2E009 is characterized for operation over ambient air temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD2E009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI1-TPD2E009 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI2-TPD2E009 Datasheet
988Kb / 21P
TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
REVISED AUGUST 2015
TPD2E009DBZR TI-TPD2E009DBZR Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DBZR TI2-TPD2E009DBZR Datasheet
988Kb / 21P
TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
REVISED AUGUST 2015
More results

Similar Description - TPD2E009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com