Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC06APWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC06APWR
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC06APWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC06APWR Datasheet HTML 1Page - Texas Instruments SN74LVC06APWR Datasheet HTML 2Page - Texas Instruments SN74LVC06APWR Datasheet HTML 3Page - Texas Instruments SN74LVC06APWR Datasheet HTML 4Page - Texas Instruments SN74LVC06APWR Datasheet HTML 5Page - Texas Instruments SN74LVC06APWR Datasheet HTML 6Page - Texas Instruments SN74LVC06APWR Datasheet HTML 7Page - Texas Instruments SN74LVC06APWR Datasheet HTML 8Page - Texas Instruments SN74LVC06APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
A
Y
Absolute Maximum Ratings
(1)
SN54LVC06A, SN74LVC06A
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS596N – OCTOBER 1997 – REVISED JULY 2005
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM, EACH INVERTER (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Output voltage range
–0.5
6.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
D package(3)
86
DB package(3)
96
DGV package(3)
127
θ
JA
Package thermal impedance
°C/W
NS package(3)
76
PW package(3)
113
RGY package(4)
47
Tstg
Storage temperature range
–65
150
°C
Ptot
Power dissipation(5)(6)
TA = –40°C to 125°C
500
mW
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5.
(5)
For the D package: above 70
°C the value of P
tot derates linearly with 8 mW/K.
(6)
For the DB, DGV, NS, and PW packages: above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com