Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC07APWLE
Description  HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07APWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC07APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC07APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PARAMETER MEASUREMENT INFORMATION
tPZL (see Note F)
tPLZ (see Note G)
tPHZ/tPZH
2
× VCC
2
× VCC
2
× VCC
TEST
S1
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VOL
th
tsu
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
1 k
Ω
1 k
Ω
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at 2
× VCC
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + 0.15 V
VCC − 0.15 V
0 V
VCC
0 V
0 V
tw
VCC
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. Since this device has open-drain outputs, tPLZ and tPZL are the same as tpd.
F. tPZL is measured at VCC/2.
G. tPLZ is measured at VOL + 0.15 V.
H. All parameters and waveforms are not applicable to all devices.
0 V
VCC
VCC/2
tPHL
VCC/2
VCC/2
VCC
0 V
VCC
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
SN74LVC07A
www.ti.com.................................................................................................................................................... SCAS595R – OCTOBER 1997 – REVISED APRIL 2008
VCC = 1.8 V ± 0.15 V
Figure 1. Load Circuit and Voltage Waveforms
Copyright © 1997–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com