Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWRG3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APWRG3
Description  HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07APWRG3 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC07APWRG3 Datasheet HTML 1Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 2Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 3Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 4Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 5Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 6Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 7Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 8Page - Texas Instruments SN74LVC07APWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74LVC07A
www.ti.com.................................................................................................................................................... SCAS595R – OCTOBER 1997 – REVISED APRIL 2008
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
• Operates From 1.65 V to 5 V
• Max t
pd of 2.6 ns at 5 V
• Inputs and Open-Drain Outputs Accept
• Latch-Up Performance Exceeds 250 mA Per
Voltages up to 5.5 V
JESD 17
This hex buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
The outputs of the SN74LVC07A device are open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 24 mA.
Inputs can be driven from 1.8-V, 2.5-V, 3.3-V (LVTTL), or 5-V (CMOS) devices. This feature allows the use of
this device as translators in a mixed-system environment.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC07ARGYR
LC07A
Tube of 50
SN74LVC07AD
SOIC – D
Reel of 2500
SN74LVC07ADR
LVC07A
Reel of 250
SN74LVC07ADT
SOP – NS
Reel of 2000
SN74LVC07ANSR
LVC07A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC07ADBR
LC07A
Tube of 90
SN74LVC07APW
TSSOP – PW
Reel of 2000
SN74LVC07APWR
LC07A
Reel of 250
SN74LVC07APWT
TVSOP – DGV
Reel of 2000
SN74LVC07ADGVR
LC07A
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC07APWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07APWRG3 TI-SN74LVC07APWRG3 Datasheet
733Kb / 21P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWRG3 TI1-SN74LVC07APWRG3 Datasheet
1Mb / 30P
Hex Buffer/Driver With Open-Drain Outputs
SN74LVC07APWRG3 TI2-SN74LVC07APWRG3 Datasheet
1Mb / 38P
SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
REVISED OCTOBER 2016
SN74LVC07APWRG3.B TI2-SN74LVC07APWRG3.B Datasheet
1Mb / 38P
SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
REVISED OCTOBER 2016
More results

Similar Description - SN74LVC07APWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A_10 Datasheet
733Kb / 21P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI1-SN74LVC07A_15 Datasheet
1Mb / 30P
Hex Buffer/Driver With Open-Drain Outputs
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com