Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7578SPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7578SPW
Description  8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7578SPW Datasheet(HTML) 2 Page - Texas Instruments

  DAC7578SPW Datasheet HTML 1Page - Texas Instruments DAC7578SPW Datasheet HTML 2Page - Texas Instruments DAC7578SPW Datasheet HTML 3Page - Texas Instruments DAC7578SPW Datasheet HTML 4Page - Texas Instruments DAC7578SPW Datasheet HTML 5Page - Texas Instruments DAC7578SPW Datasheet HTML 6Page - Texas Instruments DAC7578SPW Datasheet HTML 7Page - Texas Instruments DAC7578SPW Datasheet HTML 8Page - Texas Instruments DAC7578SPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
DAC5578
DAC6578
DAC7578
SBAS496A – MARCH 2010 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM RELATIVE
SPECIFIED
DIFFERENTIAL
PACKAGE-
PACKAGE
PACKAGE
PRODUCT
ACCURACY
TEMPERATURE
NONLINEARITY
LEAD
DESIGNATOR
MARKING
(LSB)
RANGE
(LSB)
TSSOP-16
PW
DAC7578
DAC7578
±1
±0.25
–40°C to +125°C
QFN-24
RGE
DAC7578
TSSOP-16
PW
DAC6578
DAC6578
±0.5
±0.5
–40°C to +125°C
QFN-24
RGE
DAC6578
TSSOP-16
PW
DAC5578
DAC5578
±0.25
±0.25
–40°C to +125°C
QFN-24
RGE
DAC5578
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
DAC5578, DAC6578, DAC7578
UNIT
AVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to +AVDD + 0.3
V
VOUT to GND
–0.3 to +AVDD + 0.3
V
VREFIN to GND
–0.3 to +AVDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/qJA
W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
THERMAL INFORMATION
DACx578
THERMAL METRIC(1)
UNITS
PW (16 Pins)
RGE (24 PINS)
qJA
Junction-to-ambient thermal resistance
111.9
33.7
qJCtop
Junction-to-case (top) thermal resistance
33.3
16.9
qJB
Junction-to-board thermal resistance
52.4
7.4
°C/W
yJT
Junction-to-top characterization parameter
2
0.5
yJB
Junction-to-board characterization parameter
51.2
7.1
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5578 DAC6578 DAC7578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com