Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5725 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP5725
Description  WHITE LED STEP-UP CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5725 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP5725 Datasheet HTML 2Page - Diodes Incorporated AP5725 Datasheet HTML 3Page - Diodes Incorporated AP5725 Datasheet HTML 4Page - Diodes Incorporated AP5725 Datasheet HTML 5Page - Diodes Incorporated AP5725 Datasheet HTML 6Page - Diodes Incorporated AP5725 Datasheet HTML 7Page - Diodes Incorporated AP5725 Datasheet HTML 8Page - Diodes Incorporated AP5725 Datasheet HTML 9Page - Diodes Incorporated AP5725 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP5725
WHITE LED STEP-UP CONVERTER
AP5725
Document number: DS31844 Rev. 3 - 2
6 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
VIN vs. OVP Threshold
25
27
29
31
33
35
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Temperature vs. Shutdown Current
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Temperature (℃)
Temperature vs. OVP Threshold
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
Temperature (℃)
Tem perature vs. Frequency
0.2
0.5
0.8
1.1
1.4
1.7
-50
-25
0
25
50
75
100
125
Tem perature (
℃)
VIN = 3.6V
VIN = 4.2V
Temperature vs. Feedback Voltage
0.23
0.24
0.25
0.26
0.27
0.28
-50
-25
0
25
50
75
100
125
Temperature(℃)
VIN = 3.6V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com