Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90PWM2_10 Datasheet HTML 1Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 2Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 3Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 4Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 5Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 6Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 7Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 8Page - ATMEL Corporation AT90PWM2_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 361 page
background image
4
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 3-3.
QFN32 (7*7 mm) Package.
3.1
Pin Descriptions
:
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
(PSCIN2/OC1A/MISO_A) PD2
(TXD/DALI/OC0A/SS/MOSI_A) PD3
(PSCIN1/OC1B) PC1
VCC
GND
(T0/PSCOUT22) PC2
(T1/PSCOUT23) PC3
(MISO/PSCOUT20) PB0
PB4 (AMP0+)
PB3 (AMP0-)
PC6 (ADC10/ACMP1)
AREF
AGND
AVCC
PC5 (ADC9/AMP1+)
PC4 (ADC8/AMP1-)
AT90PWM3/3B QFN 32
Table 3-1.
Pin out description
S024 Pin
Number
SO32 Pin
Number
QFN32 Pin
Number
Mnemonic
Type
Name, Function & Alternate Function
795
GND
Power
Ground: 0V reference
18
24
20
AGND
Power
Analog Ground: 0V reference for analog part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com