Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CLP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CLP
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CLP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TL431CLP Datasheet HTML 26Page - Texas Instruments TL431CLP Datasheet HTML 27Page - Texas Instruments TL431CLP Datasheet HTML 28Page - Texas Instruments TL431CLP Datasheet HTML 29Page - Texas Instruments TL431CLP Datasheet HTML 30Page - Texas Instruments TL431CLP Datasheet HTML 31Page - Texas Instruments TL431CLP Datasheet HTML 32Page - Texas Instruments TL431CLP Datasheet HTML 33Page - Texas Instruments TL431CLP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
VO ≈5 V, 1.5 A
TL431
VI(BATT)
LM317
IN
OUT
Adjust
243 Ω
0.1%
243 Ω
0.1%
8.2 kΩ
VO ≈5 V
TL431
VI(BATT)
27.4 kΩ
0.1%
Rb
(see Note A)
27.4 kΩ
0.1%
TL431
12 V
VCC
5 V
6.8 kΩ
10 kΩ
10 kΩ
0.1%
10 kΩ
0.1%
X
Not
Used
Feedback
TL598
+
−
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
Figure 23. Precision 5-V, 1.5-A Regulator
A.
Rb should provide cathode current ≥1 mA to the TL431.
Figure 24. Efficient 5-V Precision Regulator
Figure 25. PWM Converter With Reference
30
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com