Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5230 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5230
Description  VHF to UHF Wide-Band Low-Noise Amp Applications???
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5230 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5230 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5230 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5230 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5230 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SC5230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5231 SANYO-2SC5231 Datasheet
129Kb / 5P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5231A SANYO-2SC5231A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5231A SANYO-2SC5231A Datasheet
532Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
logo
ON Semiconductor
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5231A-8-TL-E ONSEMI-2SC5231A-8-TL-E Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
More results

Similar Description - 2SC5230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4863 SANYO-2SC4863 Datasheet
108Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications
2SC4864 SANYO-2SC4864 Datasheet
107Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4865 SANYO-2SC4865 Datasheet
108Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4867 SANYO-2SC4867 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4868 SANYO-2SC4868 Datasheet
109Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4869 SANYO-2SC4869 Datasheet
109Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4931 SANYO-2SC4931 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5226 SANYO-2SC5226 Datasheet
123Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5229 SANYO-2SC5229 Datasheet
127Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com