Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC667 Datasheet(PDF) 42 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 42 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 38Page - Semtech Corporation SC667 Datasheet HTML 39Page - Semtech Corporation SC667 Datasheet HTML 40Page - Semtech Corporation SC667 Datasheet HTML 41Page - Semtech Corporation SC667 Datasheet HTML 42Page - Semtech Corporation SC667 Datasheet HTML 43Page - Semtech Corporation SC667 Datasheet HTML 44Page - Semtech Corporation SC667 Datasheet HTML 45Page - Semtech Corporation SC667 Datasheet HTML 46Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
SC667
42
Register Map (continued)
The ALS comparator functions are shown in Table 23.
Table 23 — ALS Comparator Function(1)
Conditions
AD
OUT Effect on Bank #1
AD
OUT > ADRISE
Brightness changes to target value
AD
OUT < ADFALL
Brightness changes to start value
AD
FALL ≤ ADOUT ≤ ADRISE
Brightness does not change
AD
FALL ≥ ADRISE
Hysteresis between the rising and falling
thresholds is disabled and . . .
AD
FALL → has no effect on brightness
AD
O > ADRISE → brightness changes to
target value
AD
O < ADRISE → brightness changes to
start value
AD
O = ADRISE → brightness does not change
Note:
1) When AD_AUTO bit is high.
The state diagram of Figure 29 shows how the ADC is used
to change the brightness of backlight bank #1. No auto-
matic change in brightness occurs when AD_AUTO = 0.
ADOUT > ADRISE
ADOUT < ADFALL
ADOUT < ADRISE
AD_AUTO = 1 or 0
AD_AUTO = 1
AD_AUTO = 1
AD_AUTO = 0
AD_AUTO = 0
ADOUT > ADRISE
Bank #1 Brightness
= Value of Register 02h
ADOUT > ADFALL
AD_AUTO = 1 or 0
Bank #1 Brightness
= Value of Register 06h
ADOUT < ADFALL
Figure 29 — ADC function at Bank #1 Brightness
ADC Output and Threshold Register (13h)
This register contains the value AD
OUT which is compared
with AD
RISE and ADFALL. The contents of ADOUT may originate
automatically from the ADC, when the AD_EN bit is a logic
one. Alternatively, AD
OUT may be written to the register via
the I2C interface when the AD_EN bit is a logic zero.
When AD_EN = 1, the ADC receives its analog voltage
input signal from the external photo-detector circuit con-
nected to the ADI pin. V
ADI is then converted into digital
and stored as the 8 bit word AD
OUT. The reference voltage
for the ADC is provided internally by the output of LDO4
(V
LDO4). When the voltage VADI is equal to VLDO4 , the ADC is
at full-scale value FFh, and AD
OUT will equal FFh.
When using an external photo-detection circuit, the ADC
requires the LDO output voltage V
LDO4 to remain constant.
V
LDO4 can drop-out if the supply voltage becomes too low.
V
LDO4 should be set to a value sufficiently low to guard
against drop-out.
To prevent drop-out, the maximum LDO4 output setting
should be limited to: V
LDO4(MAX) = VIN(MIN) - [1.33 × ILDO4(MAX)],
where V
IN(MIN) is the minimum battery voltage and ILDO4(MAX)
is the maximum load current of LDO4. LDO4 load current
includes current to the external photo-detection circuit.
AD_O7 through AD_O0 [D7:D0]
These are the 8 bits of AD
OUT. AD_O7 [D7] is the Most
Significant Bit (MSB), and AD_O0 [D0] is the Least
Significant Bit (LSB). Binary weights of these bits are
shown in Table 24.
Table 24 — AD
OUT Bits [D7:D0]
Name
Bit
Binary Weight
AD_O7
D7
1/2
AD_O6
D6
1/4
AD_O5
D5
1/8
AD_O4
D4
1/16
AD_O3
D3
1/32
AD_O2
D2
1/64
AD_O1
D1
1/128
AD_O0
D0
1/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com