Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3060CT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR3060CT
Description  Power Schottky Rectifier - 30Amp 60Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR3060CT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR3060CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR3060CT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http:// www.sirectsemi.com
0
40
175
CASE TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
10
150
125
100
75
50
25
RESISTIVE OR
INDUCTIVE LOAD
20
30
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
100
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
300
200
400
0.01
0.1
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE, (V)
Figure 3. Typical Instantaneous Forward Characteristics
0
50
0.2
0.4
0.6
0.8
1.0
1.2
TJ=25ºC
PULSE WIDTH 300µs
2% Duty cycle
0.001
0.01
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 4. Typical Reverse Characteristics
0
50
20
40
60
80
100
0.1
TJ=125℃
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
10
100
100
1000
TJ =25℃
f =1MHz
4000
0.1
1
10
100
T - PULSE DURATION, (sec)
Figure 6. Typical Transient Thermal Impedance
0.01
0.1
1
10
100
MBR3060CT
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com …Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com