Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5414 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5414
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5414 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5414 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5414 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5414
No.5910–5/6
VCE=5V, IC=10mA, ZO=50Ω
VCE=5V, IC=30mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
14
6
6
.
05
.
2
5
–6
5
1
.
9
19
.
4
3
19
2
0
.
07
.
5
67
0
8
.
07
.
6
2
–
0
0
20
5
4
.
02
.
5
8
–4
0
0
.
3
14
.
0
1
14
4
0
.
06
.
8
51
2
6
.
03
.
6
3
–
0
0
44
6
2
.
05
.
4
2
1
–0
2
3
.
73
.
6
89
6
0
.
05
.
5
50
9
4
.
07
.
2
4
–
0
0
66
0
2
.
02
.
3
5
1
–5
7
0
.
59
.
0
75
9
0
.
03
.
3
50
5
4
.
06
.
8
4
–
0
0
85
7
1
.
09
.
8
7
1
–4
8
8
.
31
.
8
52
2
1
.
07
.
8
44
4
4
.
00
.
6
5
–
0
0
0
13
6
1
.
07
.
9
5
10
9
1
.
38
.
6
40
5
1
.
08
.
3
46
4
4
.
00
.
4
6
–
0
0
2
16
5
1
.
08
.
5
3
15
1
7
.
20
.
5
38
7
1
.
08
.
7
36
4
4
.
04
.
2
7
–
0
0
4
18
5
1
.
09
.
5
1
16
7
3
.
23
.
4
24
0
2
.
08
.
1
38
4
4
.
06
.
0
8
–
0
0
6
14
7
1
.
05
.
5
97
2
1
.
20
.
4
13
3
2
.
05
.
5
29
3
4
.
09
.
8
8
–
0
0
8
18
8
1
.
07
.
7
78
3
9
.
11
.
42
6
2
.
00
.
9
14
3
4
.
09
.
6
9
–
0
0
0
22
1
2
.
07
.
2
68
8
7
.
16
.
5
–2
9
2
.
00
.
2
11
3
4
.
03
.
5
0
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
2
4
.
00
.
1
7
–9
5
2
.
6
22
.
0
2
14
2
0
.
03
.
6
67
4
6
.
07
.
2
3
–
0
0
28
5
2
.
04
.
3
0
1
–0
0
3
.
5
16
.
9
98
3
0
.
06
.
5
62
8
4
.
02
.
6
3
–
0
0
45
5
1
.
00
.
5
4
1
–0
7
0
.
85
.
0
88
6
0
.
08
.
3
65
0
4
.
06
.
9
3
–
0
0
69
2
1
.
02
.
3
7
13
9
4
.
55
.
7
68
9
0
.
01
.
9
58
8
3
.
09
.
5
4
–
0
0
89
1
1
.
06
.
1
6
13
0
2
.
49
.
5
59
2
1
.
01
.
3
50
9
3
.
02
.
4
5
–
0
0
0
16
1
1
.
01
.
0
4
16
3
4
.
34
.
5
40
6
1
.
05
.
6
46
9
3
.
07
.
2
6
–
0
0
2
19
1
1
.
04
.
7
1
14
1
9
.
22
.
4
30
9
1
.
04
.
9
31
0
4
.
08
.
1
7
–
0
0
4
19
2
1
.
00
.
8
95
4
5
.
23
.
4
29
1
2
.
05
.
2
38
9
3
.
02
.
0
8
–
0
0
6
16
4
1
.
07
.
9
74
8
2
.
22
.
4
19
4
2
.
03
.
5
23
9
3
.
06
.
8
8
–
0
0
8
10
6
1
.
01
.
5
64
6
0
.
29
.
48
7
2
.
02
.
8
19
8
3
.
09
.
6
9
–
0
0
0
27
8
1
.
04
.
4
53
1
9
.
19
.
4
–8
0
3
.
07
.
0
16
8
3
.
03
.
5
0
1
–
VCE=5V, IC=50mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
8
3
.
07
.
2
8
–8
5
9
.
5
26
.
4
1
13
2
0
.
06
.
5
61
1
6
.
02
.
2
3
–
0
0
21
5
2
.
02
.
0
2
1
–3
4
4
.
4
19
.
5
97
3
0
.
08
.
5
65
6
4
.
05
.
4
3
–
0
0
45
8
1
.
06
.
4
6
1
–1
6
5
.
70
.
8
77
6
0
.
00
.
4
65
0
4
.
07
.
8
3
–
0
0
64
7
1
.
05
.
0
7
13
5
1
.
58
.
4
66
9
0
.
06
.
9
56
9
3
.
00
.
6
4
–
0
0
83
6
1
.
04
.
9
4
14
0
9
.
38
.
2
57
2
1
.
05
.
3
51
0
4
.
09
.
4
5
–
0
0
0
17
6
1
.
07
.
0
3
14
9
1
.
39
.
1
47
5
1
.
01
.
7
46
0
4
.
05
.
3
6
–
0
0
2
16
7
1
.
08
.
2
1
16
9
6
.
20
.
1
37
8
1
.
08
.
9
30
1
4
.
09
.
2
7
–
0
0
4
14
8
1
.
06
.
6
98
5
3
.
25
.
0
26
1
2
.
09
.
2
39
0
4
.
05
.
1
8
–
0
0
6
17
9
1
.
07
.
0
85
1
1
.
21
.
0
16
4
2
.
09
.
5
24
0
4
.
03
.
0
9
–
0
0
8
14
1
2
.
01
.
8
68
0
9
.
11
.
05
7
2
.
08
.
8
10
0
4
.
02
.
8
9
–
0
0
0
23
4
2
.
00
.
5
56
6
7
.
16
.
9
–5
0
3
.
01
.
1
12
9
3
.
02
.
6
0
1
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com