Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5415 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5415
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5415 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5415 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5415
No.5911–3/6
S Parameters (Common emitter)
VCE=2V, IC=5mA, ZO=50Ω
VCE=2V, IC=10mA, ZO=50Ω
80
100
120
140
160
60
40
20
0
0
200
400
600
1000
800
PC - Ta
Mounted
on
a ceramic
board
(250mm
2×
0.8mm)
Ambient Temperature, Ta –
°C
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
3
7
.
03
.
1
5
–9
2
9
.
1
12
.
2
4
16
4
0
.
00
.
5
66
3
8
.
01
.
7
2
–
0
0
24
6
5
.
08
.
6
8
–4
5
8
.
85
.
8
1
10
7
0
.
03
.
4
59
4
6
.
05
.
9
3
–
0
0
48
0
4
.
05
.
9
2
1
–1
3
2
.
52
.
5
97
9
0
.
05
.
1
54
5
4
.
04
.
8
4
–
0
0
66
6
3
.
00
.
5
5
1
–7
6
6
.
30
.
2
81
2
1
.
07
.
3
54
9
3
.
03
.
2
5
–
0
0
88
4
3
.
08
.
5
7
1
–1
1
8
.
20
.
0
77
4
1
.
03
.
5
50
7
3
.
06
.
6
5
–
0
0
0
18
3
3
.
04
.
9
6
12
3
3
.
26
.
2
65
7
1
.
02
.
6
58
6
3
.
05
.
0
6
–
0
0
2
16
4
3
.
06
.
6
5
10
0
0
.
22
.
4
55
0
2
.
07
.
5
51
6
3
.
07
.
6
6
–
0
0
4
10
5
3
.
07
.
5
4
19
3
7
.
13
.
7
45
3
2
.
09
.
4
53
6
3
.
07
.
2
7
–
0
0
6
10
6
3
.
01
.
6
3
17
5
5
.
16
.
0
47
6
2
.
07
.
3
51
7
3
.
07
.
7
7
–
0
0
8
15
6
3
.
02
.
6
2
18
2
4
.
14
.
4
30
0
3
.
07
.
1
53
8
3
.
04
.
3
8
–
0
0
0
29
6
3
.
09
.
6
1
16
0
3
.
13
.
9
24
3
3
.
02
.
9
45
8
3
.
05
.
9
8
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
8
5
.
04
.
7
6
–0
9
5
.
7
18
.
0
3
10
4
0
.
08
.
2
65
1
7
.
09
.
6
3
–
0
0
24
1
4
.
09
.
4
0
1
–6
1
1
.
1
13
.
9
0
19
5
0
.
05
.
8
50
9
4
.
03
.
8
4
–
0
0
41
1
3
.
07
.
5
4
1
–9
9
0
.
62
.
0
91
9
0
.
09
.
0
68
3
3
.
05
.
3
5
–
0
0
61
9
2
.
02
.
8
6
1
–3
1
2
.
42
.
9
75
2
1
.
04
.
2
64
9
2
.
09
.
6
5
–
0
0
86
8
2
.
09
.
2
7
12
1
2
.
37
.
9
69
5
1
.
08
.
1
69
7
2
.
06
.
1
6
–
0
0
0
11
8
2
.
06
.
9
5
14
3
6
.
24
.
2
64
9
1
.
03
.
0
67
7
2
.
09
.
5
6
–
0
0
2
12
9
2
.
03
.
8
4
18
4
2
.
29
.
4
58
2
2
.
07
.
7
51
8
2
.
07
.
1
7
–
0
0
4
17
9
2
.
05
.
8
3
13
7
9
.
15
.
8
41
6
2
.
02
.
5
54
8
2
.
02
.
7
7
–
0
0
6
15
0
3
.
07
.
9
2
17
6
7
.
14
.
2
45
9
2
.
06
.
2
50
9
2
.
07
.
2
8
–
0
0
8
11
1
3
.
05
.
0
2
15
0
6
.
14
.
6
38
2
3
.
06
.
9
47
9
2
.
05
.
8
8
–
0
0
0
23
1
3
.
07
.
1
1
13
7
4
.
12
.
1
32
6
3
.
03
.
6
43
0
3
.
09
.
3
9
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com