Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5416 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5416
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5416 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5416 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5416 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5416 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5416 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5416
No.5696-3/4
Collector-to-Emitter Voltage, VCE – V
Forward Bias A S O
0.1
1.0
7
2
3
5
7
2
3
5
1.0
2
3
5
5
7
10
2
3
5
7
0.1
7
10
100
0.01
5
7
0.1
2
3
5
2
3
5
2
2
3
5
7
1.0
7
10
7
5
7
2
3
5
7
1000
2
3
2
3
5
7
Base Current, IB2 – A
SW Time – I B2
PT<50
µs
VCC=200V
IC=2A
IB1=0.4A
R load
tf
tstg
I C
I CP
D
C
op
era
tio
n
Tc=25
°C
1Pulse
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
10
20
25
30
0
1
2
3
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C
PC – Ta
PC – Tc
0.1
2
3
5
1.0
7
2
3
5
10
7
100
5
7
1000
2
3
5
2
3
7
Collector-to-Emitter, VCE – V
Reverse Bias A S O
No
hea
t sin
k
L=200
µH
IB2=–1A
Tc=25
°C
1 pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com