Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5420 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5420
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5420 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5420 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5420 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5420 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5420 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switching Time Test Circuit
2SC5420
No.5762-2/4
IB1
IB2
VOUT
RC
VCC
IB1
0.1VOUT
IB2
VOUT
tstg
tf
0.9 VOUT
0
2
4
6
8
10
0
0
0.2
0.4
0.6
1.0
0.8
1.4
1.2
1
2
3
4
6
5
Collector Current,IC – A
Collector Current,IC – A
hFE – I C
IB=0
Collector-to-Emitter Voltage, VCE – V
Collector Current,IC – A
I C – VCE
I C – VBE
VCE(sat) – I C
Collector Current,IC – A
Base-to-Emitter Voltage, VBE – V
SW Time – I C
VCE=5V
VCE=5V
VCC= 200V
IC/IB1=5
IB2/ IB1=2
R load
IC/ IB=5
IC/ IB=5
25°C
–40°C
25
°C 120°C
Ta =–40
°C
25°C
120°C
Ta =–40
°C
Ta=120°C
tf
tstg
1.0A
0.8A
0.6A
0.4A
0.2A
2.0A
1.8A
1.6A 1.
4A 1.2A
0
2
4
6
8
10
2
3
5
7
2
2
3
5
5
7
7
0.1
0.1
1.0
10
1.0
10
3
5
7
2
3
5
7
3
5
7
10
2
2
0.1
1.0
3
5
7
3
5
7
3
5
7
2
3
5
7
2
3
5
5
7
7
1.0
10
100
VBE(sat) – I C
2
3
5
2
0.1
0.1
1.0
10
1.0
2
3
5
7
3
5
7
2
3
5
7
3
5
7
2
3
5
7
2
2
3
5
5
7
7
0.1
0.1
1.0
10
1.0
10
3
5
7
2
3
5
7
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com