Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2441A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2441A
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2441A Datasheet HTML 9Page - Semtech Corporation SC2441A Datasheet HTML 10Page - Semtech Corporation SC2441A Datasheet HTML 11Page - Semtech Corporation SC2441A Datasheet HTML 12Page - Semtech Corporation SC2441A Datasheet HTML 13Page - Semtech Corporation SC2441A Datasheet HTML 14Page - Semtech Corporation SC2441A Datasheet HTML 15Page - Semtech Corporation SC2441A Datasheet HTML 16Page - Semtech Corporation SC2441A Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Typical Characteristics
Clock Output High Voltage vs Temperature
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
25
50
75
100 125
Temperature (°C)
ICLK_OUT = - 80 µA
Clock Output Low Voltage vs Temperature
0.03
0.04
0.05
0.06
0.07
0.08
-50-25
0
25
50
75100 125
Temperature (°C)
ICLK_OUT = 200 µA
Charge Pump Current IPLLF vs Temperature
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
-50-25
0
25
50
75100 125
Temperature (°C)
VPLLF = 1V
Current Sense Amplifier Input Bias Current vs
Temperature (Non-inverting Pin)
-0.60
-0.55
-0.50
-0.45
-0.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 8V, VCS1 (-) = VCS2 (-) = 0V
SYNC/SHDN Input Voltage vs Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100 125
Temperature (°C)
SYNC/SHDN Input High
SYNC/SHDN Input Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com