Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1541 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1541
Description  1.0A Low Dropout Voltage Regulator with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1541 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1541 Datasheet HTML 1Page - Semtech Corporation SC1541 Datasheet HTML 2Page - Semtech Corporation SC1541 Datasheet HTML 3Page - Semtech Corporation SC1541 Datasheet HTML 4Page - Semtech Corporation SC1541 Datasheet HTML 5Page - Semtech Corporation SC1541 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
 2004 Semtech Corp.
www.semtech.com
SC1541
POWER MANAGEMENT
Note:
(1) More copper area should be used to lower R
TH(J-A) as needed.
Outline Drawing - TO-263-5
Land Pattern - TO-263-5(1)
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
.067 BSC
DETAIL
5
A
.326
.020
-
5
A
1.70 BSC
.380
8.28
.039
0.51
9.65
0.99
-
-
.070
.015
-
.000
-
-
15°
-
15°
.110
.029
1.78
0.38
.190
.010
0.00
0.74
2.79
-
0.25
4.83
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).
NOTES:
1.
2.
SIDE VIEW
e
1.14
.065
.045
-
1.65
-
--
8°
0°
8°
0°
.245
6.22
123
5
4
A
aaa
BA
PLANE
SEATING
B
.380
10.67
9.65
.420
--
--
1.68
.066
4.06
.160
-
-
-
-
-
-
-
-
-
-
0.25
.010
-
-
.270
--
6.86
--
PLATED COPPER
HEAT SPREADER
aaa
N
01
0
D1
H
L1
L
e
E1
E
c
D
c1
b
A1
A
DIM
MILLIMETERS
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
NOM
b X N
(L1)
E1
D1
A1
A
0
E
E/2
L1
D
01
L
SEE DETAIL
c1
c
H
.575
-
.625 14.61
-
15.88
P
DIMENSIONS
MILLIMETERS
INCHES
H
Z
X
P
K
Y
G
DIM
.420
.140
.625
.042
.067
.360
.125
10.67
3.56
15.88
1.07
1.70
9.14
3.18
H
K
X
Y
Z
G
NOTES:
2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
1. CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com