Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2595STRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2595STRT
Description  Integrated Linear DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595STRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2595STRT Datasheet HTML 4Page - Semtech Corporation SC2595STRT Datasheet HTML 5Page - Semtech Corporation SC2595STRT Datasheet HTML 6Page - Semtech Corporation SC2595STRT Datasheet HTML 7Page - Semtech Corporation SC2595STRT Datasheet HTML 8Page - Semtech Corporation SC2595STRT Datasheet HTML 9Page - Semtech Corporation SC2595STRT Datasheet HTML 10Page - Semtech Corporation SC2595STRT Datasheet HTML 11Page - Semtech Corporation SC2595STRT Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
©2009 Semtech Corp.
www.semtech.com
SC2595
PRELIMINARY
POWER MANAGEMENT
Test Waveforms
Typical Characteristics
AVcc vs IQ
0
50
100
150
200
250
300
350
400
450
500
550
600
2.53.0
3.54.0
4.55.0
5.56.0
AVcc(V)
VDDQ
=2.5V
VDDQ
=1.8V
AVCC=VDDQ=2.5V
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
1.81.9
2
2.1
2.22.3
2.42.5
PVCC(V)
MAX
SOURCE
CURRENT
Figure 3
Figure 4
Figure 5
Figure 6
VTT
VREF
Test condition: Avcc=PVcc=VDDQ=2.5V,VTT=1.25V
Cout1=220uF, Cout2=10uF, Sink 2A.
VDDQ
AVcc
PVcc
Test condition: Avcc=PVcc=VDDQ=2.5V,VTT=1.25V
Cout1=220uF, Cout2=10uF, Source 2A.
VDDQ
AVcc
PVcc
VTT
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com