Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2596_09 Datasheet HTML 3Page - Semtech Corporation SC2596_09 Datasheet HTML 4Page - Semtech Corporation SC2596_09 Datasheet HTML 5Page - Semtech Corporation SC2596_09 Datasheet HTML 6Page - Semtech Corporation SC2596_09 Datasheet HTML 7Page - Semtech Corporation SC2596_09 Datasheet HTML 8Page - Semtech Corporation SC2596_09 Datasheet HTML 9Page - Semtech Corporation SC2596_09 Datasheet HTML 10Page - Semtech Corporation SC2596_09 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2596
#
n
i
P#
n
i
P
#
n
i
P
#
n
i
P#
n
i
Pe
m
a
N
n
i
Pe
m
a
N
n
i
P
e
m
a
N
n
i
P
e
m
a
N
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
Pn
o
i
t
c
n
u
F
n
i
P
n
o
i
t
c
n
u
F
n
i
P
n
o
i
t
c
n
u
F
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1D
N
G.
d
n
u
o
r
G
2N
E.
w
o
l
s
i
n
i
p
N
E
n
e
h
w
d
e
l
b
a
s
i
d
s
i
6
9
5
2
C
S
.
n
i
p
e
l
b
a
n
E
3E
S
N
E
S
V
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
C
F
n
0
0
1
o
t
F
n
0
1
a
t
c
e
n
n
o
C
.
n
i
p
k
c
a
b
d
e
e
f
a
s
i
n
i
p
E
S
N
E
S
V
s
i
n
i
p
E
S
N
E
S
V
o
t
e
s
o
l
c
r
o
t
i
c
a
p
a
c
s
i
h
t
e
c
a
l
p
d
n
a
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
n
e
e
w
t
e
b
.
n
o
it
i
d
n
o
c
t
n
e
i
s
n
a
r
t
g
n
ir
u
d
n
o
it
a
ll
i
c
s
o
d
i
o
v
a
o
t
d
e
r
i
u
q
e
r
4F
E
R
V
l
a
n
r
e
t
n
i
e
h
t
f
o
t
u
p
t
u
o
d
e
r
e
f
f
u
b
e
h
t
s
e
d
i
v
o
r
p
h
c
i
h
w
,
n
i
p
t
u
p
t
u
o
n
a
s
i
n
i
p
F
E
R
V
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
n
0
0
1
A
.
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
.
e
c
a
r
t
t
r
o
h
s
h
t
i
w
d
n
u
o
r
g
o
t
n
i
p
F
E
R
V
5Q
D
D
V
o
t
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
n
i
g
n
it
a
e
r
c
r
o
f
n
i
p
t
u
p
n
i
n
a
s
i
n
i
p
Q
D
D
V
e
h
T
.r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
n
i
n
a
o
t
d
e
t
c
e
n
n
o
c
s
i
e
g
a
t
l
o
v
Q
D
D
V
e
h
T
.
T
T
V
e
t
a
l
u
g
e
r
l
a
n
r
e
t
n
i
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
)
2
/
Q
D
D
V
(
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
f
o
p
a
t
l
a
r
t
n
e
c
e
h
T
g
n
it
r
e
v
n
i-
n
o
n
e
h
t
d
n
a
n
i
p
F
E
R
V
o
t
d
e
t
c
e
n
n
o
c
s
i
t
u
p
t
u
o
h
c
i
h
w
,r
e
f
f
u
b
e
g
a
t
l
o
v
p
o
o
l
k
c
a
b
d
e
e
f
e
h
t
h
t
i
W
.
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
e
h
t
s
a
r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
s
i
t
I
.
y
l
e
s
i
c
e
r
p
2
/
Q
D
D
V
e
h
t
k
c
a
r
t
s
y
a
w
l
a
ll
i
w
e
g
a
t
l
o
v
t
u
p
t
u
o
T
T
V
e
h
t
,
d
e
s
o
l
c
e
h
t
o
t
t
x
e
n
d
e
d
d
a
e
b
d
l
u
o
h
s
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
u
1
a
t
a
h
t
d
e
d
n
e
m
m
o
c
e
r
.
y
t
i
n
u
m
m
i
e
s
i
o
n
e
h
t
e
s
a
e
r
c
n
i
o
t
d
n
u
o
r
g
o
t
n
i
p
Q
D
D
V
6C
C
V
A
C
C
V
A
e
h
T
.
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
l
a
n
r
e
t
n
i
e
h
t
f
o
ll
a
y
l
p
p
u
s
o
t
d
e
s
u
s
i
n
i
p
C
C
V
A
e
h
T
o
t
)l
a
c
i
p
y
t
V
1
.
2
(
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
O
L
V
U
s
t
i
n
a
h
t
r
e
t
a
e
r
g
e
b
o
t
s
a
h
e
g
a
t
l
o
v
n
a
h
t
r
e
w
o
l
s
i
e
g
a
t
l
o
v
C
C
V
A
f
I
.
n
o
it
a
r
e
p
o
l
a
m
r
o
n
n
i
e
b
o
t
6
9
5
2
C
S
e
h
t
w
o
ll
a
e
c
n
a
d
e
p
m
i
h
g
i
h
n
i
e
b
d
l
u
o
h
s
n
i
p
T
T
V
e
h
t
,
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
O
L
V
U
e
h
t
.
s
u
t
a
t
s
7C
C
V
P
d
a
o
l
s
w
a
r
d
n
i
p
T
T
V
e
h
t
e
r
e
h
w
m
o
r
f
e
g
a
t
l
o
v
li
a
r
e
h
t
s
e
d
i
v
o
r
p
n
i
p
C
C
V
P
e
h
T
t
s
u
m
e
g
a
t
l
o
v
C
C
V
P
e
h
T
.
C
C
V
P
d
n
a
C
C
V
A
n
e
e
w
t
e
b
n
o
it
a
t
i
m
il
a
s
i
e
r
e
h
T
.
t
n
e
r
r
u
c
.
n
o
it
a
l
u
g
e
r
e
g
a
t
l
o
v
t
u
p
t
u
o
t
c
e
r
r
o
c
e
h
t
e
r
u
s
n
e
o
t
e
g
a
t
l
o
v
C
C
V
A
o
t
l
a
u
q
e
r
o
s
s
e
l
e
b
e
h
t
r
e
h
g
i
H
.
e
g
a
t
l
o
v
C
C
V
P
n
o
t
n
e
d
n
e
p
e
d
s
i
y
t
il
i
b
a
p
a
c
t
n
e
r
r
u
c
e
c
r
u
o
s
T
T
V
e
h
T
.
t
n
e
r
r
u
c
e
c
r
u
o
s
e
h
t
r
e
h
g
i
h
,
C
C
V
P
n
o
e
g
a
t
l
o
v
8T
T
V
t
n
e
r
r
u
c
s
u
o
u
n
it
n
o
c
e
c
r
u
o
s
d
n
a
k
n
i
s
n
a
c
t
I
.
6
9
5
2
C
S
f
o
t
u
p
t
u
o
e
h
t
s
i
n
i
p
T
T
V
e
h
T
d
l
u
o
h
s
e
n
o
t
a
h
t
d
e
d
n
e
m
m
o
c
e
r
s
i
t
I
.
n
o
it
a
l
u
g
e
r
d
a
o
l
t
n
e
ll
e
c
x
e
g
n
i
p
e
e
k
e
li
h
w
r
o
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
u
1
a
d
n
a
r
o
t
i
c
a
p
a
c
R
S
E
w
o
l
F
u
0
2
2
e
n
o
t
s
a
e
l
t
a
e
s
u
,r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
u
8
.
6
a
d
n
a
r
o
t
i
c
a
p
a
c
c
i
t
y
l
o
r
t
c
e
l
e
R
S
E
h
g
i
h
F
u
0
2
2
e
n
o
e
g
a
t
l
o
v
e
h
t
g
n
i
c
u
d
e
r
d
n
u
o
r
g
o
t
e
n
a
l
p
p
ir
t
s
T
T
V
e
h
t
n
o
d
e
c
a
l
p
e
r
a
h
c
i
h
w
.
n
o
it
i
d
n
o
c
t
n
e
i
s
n
a
r
t
d
a
o
l
r
e
d
n
u
e
k
i
p
s
L
A
M
R
E
H
T
D
A
P
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
d
e
t
c
e
n
n
o
c
t
o
N
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com