Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2596 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2596
Description  Low Voltage Integrated DDR Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2596 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2596 Datasheet HTML 6Page - Semtech Corporation SC2596 Datasheet HTML 7Page - Semtech Corporation SC2596 Datasheet HTML 8Page - Semtech Corporation SC2596 Datasheet HTML 9Page - Semtech Corporation SC2596 Datasheet HTML 10Page - Semtech Corporation SC2596 Datasheet HTML 11Page - Semtech Corporation SC2596 Datasheet HTML 12Page - Semtech Corporation SC2596 Datasheet HTML 13Page - Semtech Corporation SC2596 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
© 2009 Semtech Corp.
www.semtech.com
SC2596
PRELIMINARY
POWER MANAGEMENT
Application Information (Cont.)
Application_2: Lower Power Loss Configuration for
SSTL-2
If power loss is a major concern, separating the PVCC
form AVCC and VDDQ will be a good choice (Figure 2).
The PVCC can operate at lower voltage (1.8V to 2.5V) if
2.5V voltage is applied on AVCC and the VDDQ, the source
current is lower due to the lower operating voltage ap-
plied on the PVCC.
Figure 2: Lower power loss for SSTL-2(DDR-I).
Application_4: High Source Current Configuration
If there is a need for VTT to source more current, espe-
cially for DDR-II applications, the system designer can tie
the AVCC and PVCC to 3.3V while has the VDDQ tie to
1.8V. This configuration can ensure more than 2A source
and sink capability from the VTT rail.
Notes:
(a) The preferred configuration for DDR-I applications is to tie AVCC and PVCC to VDDQ, which is typically 2.5V.
(b) If AVCC and PVCC rails are tied together, then the VDDQ cannot lead the AVCC and PVCC.
Figure 3: Lower power loss for SSTL-18(DDR-II).
VREF/0.9V
0
AVCC/PVCC=3.3V
VDDQ=1.8V
VTT/0.9V
EN
CIN2
100uF
CIN2
100uF
COUT
220uF
COUT
220uF
CIN1
1uF
CIN1
1uF
CREF
100nF
CREF
100nF
1M
1M
Csense
100nF
Csense
100nF
COUT
10uF
COUT
10uF
SC2596
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
VREF/1.25V
0
PVCC=2.5V
VDDQ/AVCC=2.5V
VTT/1.25V
EN/2.5V
CIN2
100uF
CIN2
100uF
SC2596
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
CIN1
1uF
CIN1
1uF
1M
1M
Csense
100nF
Csense
100nF
COUT
220uF
COUT
220uF
CREF
100nF
CREF
100nF
Application_3: Low Power Loss Configuration for
SSTL-18(DDR-II)
If power loss is a major concern, setting the PVCC to be
2.5V will be a good choice (Figure 3). The PVCC can op-
erate at lower voltage. if 2.5V voltage is applied on AVCC
and PVCC, the source current is lower due to the lower
operating voltage applied on the PVCC.
VREF/0.9V
0
AVCC/PVCC=2.5V
VDDQ=1.8V
VTT/0.9V
EN
CREF
100nF
CREF
100nF
COUT
220uF
COUT
220uF
CIN2
100uF
CIN2
100uF
SC2596
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
Csense
100nF
Csense
100nF
1M
1M
CIN1
1uF
CIN1
1uF
Figure 4: High current set up for SSTL-18(DDR-II).
Application_5: All Ceramic Capacitor Configuration
Figure 5: All ceramic capacitor configuration.
For some pure ceramic output capacitor designs, one
needs to add small ESR in series with the output capaci-
tor in order to enhance stability margin. For example, an
100mohm external ESR is suggested to help improve
the phase margin for the circuit in Figure 5. Figure 6
shows the corresponding Bode plot.
EN
VTT/0.9V
VREF/0.9V
0
AVCC=3.3V
VDDQ/PVCC=1.8V
External R
100mOhm
External R
100mOhm
Csense
100nF
Csense
100nF
SC2596
SC2596
GND
1
EN
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
1M
1M
COUT
10uF
COUT
10uF
CREF
100nF
CREF
100nF
CIN3
10uF
CIN3
10uF
CIN2
1uF
CIN2
1uF
CIN1
1uF
CIN1
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com