Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4211 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4211
Description  Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4211 Datasheet(HTML) 9 Page - Semtech Corporation

  SC4211 Datasheet HTML 1Page - Semtech Corporation SC4211 Datasheet HTML 2Page - Semtech Corporation SC4211 Datasheet HTML 3Page - Semtech Corporation SC4211 Datasheet HTML 4Page - Semtech Corporation SC4211 Datasheet HTML 5Page - Semtech Corporation SC4211 Datasheet HTML 6Page - Semtech Corporation SC4211 Datasheet HTML 7Page - Semtech Corporation SC4211 Datasheet HTML 8Page - Semtech Corporation SC4211 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
 2007 Semtech Corp.
www.semtech.com
SC4211
POWER MANAGEMENT
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Land Pattern - SOIC-8-EDP
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 300A.
2.
3. THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
FUNCTIONAL PERFORMANCE OF THE DEVICE.
E
Z
(C)
G
P
Ø 0.36mm
THERMAL VIA
X
Y
SOLDER MASK
(5.20)
C
(.205)
X
Y
Z
F
G
P
D
E
.024
.087
.291
.101
.118
.050
.201
.134
0.60
2.20
7.40
2.56
3.00
1.27
5.10
3.40
MILLIMETERS
INCHES
DIM
DIMENSIONS
D
F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com