Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2677BEVB-2 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2677BEVB-2
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677BEVB-2 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2677BEVB-2 Datasheet HTML 10Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 11Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 12Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 13Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 14Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 15Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 16Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 17Page - Semtech Corporation SC2677BEVB-2 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
C39
1uF
C20
C4
M7
C10
4.7uF
R22
2.32K
DCR=4mohm
CS1+
PWRGD
C56
R51
5.76K
C28
1uF
Enable/Disable
Circuit (option)
C59
1uF
R9
10.0K
VP1
+12V
+3.3V
D1
Vout1
L2
2uH
CS2-
C9
4.7uF
VP2
(1)
R24
4.87K
R48
3K
R13
4.64k
Q1
C24
0.1uF
C33
33nF
CS2+
M1
IPD09N03LA
R5
7.5K
C60
1nF
C25
1uF
Enable
C63
220nF
C40
4.7uF
C62
220nF
(1)
C19
U1
SC2677B
D2
R19
5.9K
R35
1.0
R36
0R0
1.4V@20A
R12
300
C6
1uF
Vout
C57
C47
Note (1) : Current Scale. Master channel current w eighting factor is around 0.68 * Io, Slaver is around 0.32 * Io
Q2
VP1
D3
1N4148
+5V
D5
R14
8.06K
L1
2uH
R21
2.1K
DCR=4mohm
M5
IPD09N03LA
C21
1nF
CS1-
C35
220nF
C36
0.1uF
C37
R11
10.0K
M3
R31
2.2
D4
1N4148
R8
1.78K
R26
4.3K
C46
R10
1.00K
C43
+12V
C1
4.7uF
C23
1uF
C38
1uF
Vout
R1
1.0
R50
6.34K
C26
47nF
VP2
Single output, Current share Mode
Evaluation Schematic (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com