Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4215 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4215
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4215 Datasheet HTML 1Page - Semtech Corporation SC4215 Datasheet HTML 2Page - Semtech Corporation SC4215 Datasheet HTML 3Page - Semtech Corporation SC4215 Datasheet HTML 4Page - Semtech Corporation SC4215 Datasheet HTML 5Page - Semtech Corporation SC4215 Datasheet HTML 6Page - Semtech Corporation SC4215 Datasheet HTML 7Page - Semtech Corporation SC4215 Datasheet HTML 8Page - Semtech Corporation SC4215 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT

SC4215
Very Low Input /Very Low Dropout
2 Amp Regulator With Enable
Features
Input Voltage as low as .6V
500mV dropout @ 2A
Adjustable output from 0.8V
Over current and over temperature protection
Enable pin
0µA quiescent current in shutdown
Full industrial temperature range
Available in SOIC-8-EDP Pb-Free product. RoHS/WEEE
and Halogen Free compliant
Applications
Telecom/Networking cards
Motherboards/Peripheral cards
Industrial applications
Wireless infrastructure
Set top boxes
Medical equipment
Notebook computers
Battery powered systems
Description
The SC425 is a high performance positive voltage regula-
tor designed for use in applications requiring very low
input voltage and very low dropout voltage at up to 2
amperes. It operates with a Vin as low as .6V, with output
voltage programmable as low as 0.8V. The SC425 features
ultra low dropout, ideal for applications where Vout is very
close to Vin. Additionally, the SC425 has an enable pin to
further reduce power dissipation while shut down. The
SC425 provides excellent regulation over variations in
line, load and temperature.
The SC425 is available in the SOIC-8-EDP (Exposed Die
Pad) package. The output voltage can be set via an exter-
nal divider or to fixed settings of 0.8V and 2.5V depending
on how the ADJ pin is configured.
Typical Application Circuit
October 8, 2009


Similar Part No. - SC4215

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215AEVB SEMTECH-SC4215AEVB Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215AEVB SEMTECH-SC4215AEVB Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results

Similar Description - SC4215

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7001 TI-TPS7A7001_15 Datasheet
843Kb / 21P
TPS7A7001 Very Low Input, Very Low Dropout, 2-Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com