Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4215AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4215AEVB
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215AEVB Datasheet(HTML) 6 Page - Semtech Corporation

  SC4215AEVB Datasheet HTML 1Page - Semtech Corporation SC4215AEVB Datasheet HTML 2Page - Semtech Corporation SC4215AEVB Datasheet HTML 3Page - Semtech Corporation SC4215AEVB Datasheet HTML 4Page - Semtech Corporation SC4215AEVB Datasheet HTML 5Page - Semtech Corporation SC4215AEVB Datasheet HTML 6Page - Semtech Corporation SC4215AEVB Datasheet HTML 7Page - Semtech Corporation SC4215AEVB Datasheet HTML 8Page - Semtech Corporation SC4215AEVB Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC4215A
6
Pin Descriptions
Pin #
Pin Name
Pin Function
2
EN
Enable Input. Pulling this pin below 0.4V turns the regulator o , reducing the quiescent current to
a fraction of its operating value. The device will be enabled if this pin is left open. Connect to VIN if
not being used.
3
VIN
Input voltage. For regulation at full load, the input to this pin must be between (VO+ 0.5V) and
6.0V. Minimum VIN = 1.4V. A large bulk capacitance should be placed closely to this pin to ensure
that the input supply does not sag below 1.4V. Also a minimum of 4.7uF ceramic capacitor should
be placed directly at this pin.
6
VO
The pin is the power output of the device. A minimum of 10uF capacitor should be placed directly
at this pin.
7
FB
When this pin is grounded, an internal resistor divider sets the output voltage to 1.2V. If connected
to the Vo pin, the output voltage will be set at 0.5V. If external feedback resistors are used, the
output voltage will be determined by the resistor ratio (See Application Circuits on page 1):
8
GND
Reference ground. The GND pin and the exposed die pad must be connected together at the IC
pin.
1, 4, 5
NC
No Connection.
THERMAL PAD
Pad for heatsinking purposes. Connect to ground plane using multiple vias.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com