Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4217 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4217
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4217 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4217_09 Datasheet HTML 1Page - Semtech Corporation SC4217_09 Datasheet HTML 2Page - Semtech Corporation SC4217_09 Datasheet HTML 3Page - Semtech Corporation SC4217_09 Datasheet HTML 4Page - Semtech Corporation SC4217_09 Datasheet HTML 5Page - Semtech Corporation SC4217_09 Datasheet HTML 6Page - Semtech Corporation SC4217_09 Datasheet HTML 7Page - Semtech Corporation SC4217_09 Datasheet HTML 8Page - Semtech Corporation SC4217_09 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC4217
3
Other Notes:
Tested according to JEDEC standard JESD22-A4-B.
) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Exceeding the above specifications may result in permanent damage to the device or device malfunction.
Operation outside of the parameters specified in the Electrical Characteristics section is not recommended.
Absolute Maximum Ratings
VIN, VO, ADJ to GND ………………………………………………6V
EN ………………………………………………… -0.3V to VIN+0.3V
Lead Temperature (Soldering) 0s …………………………… 300°C
ESD Protection Level …………………………………………… 2kV
Recommended Operating Conditions
VIN Range……………………………………………
.8V to 5.5V
Maximum Output Current……………………………………… 3A
Operating Ambient Temperature Range ……………… -40 to +85°C
Operating Junction Temperature Range…………… -40 to +25°C
Storage Temperature Range ………………………… -65 to +50°C
Thermal Information
Thermal Resistance, junction to case Jθ()
JC………………
3°C/W
Thermal Resistance, junction to ambient Jθ
JA…………… 30°C/W
Unless otherwise noted, VEN = VIN. VIN = .8V to 5.5V, VIN = VO+0.5V, and IO = 0µA to 3A.
Values in bold apply over the full operating temperature range.
)
2)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VIN
Quiescent Current
I
Q
V
IN = 3.3V
0.75
1.75
mA
V
IN = 5.5V, VEN = 0V
0
50
µA
VO
Output Voltage()
V
O
V
IN = VO + 0.5V
-2%
+2%
V
-3%
+3%
Line Regulation()
REG
(LINE)
I
O = 0mA
0.2
0.4
%/V
Load Regulation()
REG
(LOAD)
I
O = 0mA to 3A
0.5
1.0
%
Dropout Voltage(, 2)
V
D
I
O = A
90
300
mV
400
I
O = .5A
200
400
500
Dropout Voltage(, 2)
V
D
I
O = 3A, VIN = VO + 0.5V
300
500
mV
600
Minimum Load Current(3)
I
O
V
IN = VO +0.5V

10
μA
Current Limit
I
CL
3.3
4.5
6.75
A
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com