Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3016SSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMS3016SSS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3016SSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMS3016SSS Datasheet HTML 1Page - Diodes Incorporated DMS3016SSS Datasheet HTML 2Page - Diodes Incorporated DMS3016SSS Datasheet HTML 3Page - Diodes Incorporated DMS3016SSS Datasheet HTML 4Page - Diodes Incorporated DMS3016SSS Datasheet HTML 5Page - Diodes Incorporated DMS3016SSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMS3016SSS
Document number: DS32266 Rev. 3 - 2
1 of 6
www.diodes.com
September 2010
© Diodes Incorporated
DMS3016SSS
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Features
•
DIOFET utilizes a unique patented process to monolithically
integrate a MOSFET and a Schottky in a single die to deliver:
•
Low RDS(ON) - minimizes conduction losses
•
Low VSD - reducing the losses due to body diode conduction
•
Low Qrr - lower Qrr of the integrated Schottky reduces body
diode switching losses
•
Low gate capacitance (Qg/Qgs) ratio – reduces risk of shoot-
through or cross conduction currents at high frequencies
•
Avalanche rugged – IAR and EAR rated
•
Lead Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Marking Information: See Page 5
•
Ordering Information: See Page 5
•
Weight: 0.072 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 3) VGS = 4.5V
Steady
State
TA = 25°C
TA = 85°C
ID
9.8
6.3
A
Pulsed Drain Current (Note 4)
IDM
90
A
Avalanche Current (Note 4) (Note 5)
IAR
13
A
Repetitive Avalanche Energy (Note 4) (Note 5) L = 0.3mH
EAR
25.4
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
1.54
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
81
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on minimum recommended layout. The value in any given application depends on the user’s specific board design.
4. Repetitive rating, pulse width limited by junction temperature.
5. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = 25°C
Top View
Top View
Internal Schematic
S
D
D
G
D
D
S
S


Similar Part No. - DMS3016SSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMS3016SSSA DIODES-DMS3016SSSA Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMS3016SSSA-13 DIODES-DMS3016SSSA-13 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 1
More results

Similar Description - DMS3016SSS

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2800B ANPEC-APM2800B Datasheet
224Kb / 11P
N-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Diodes Incorporated
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3015SSS DIODES-DMS3015SSS Datasheet
157Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32096 Rev. 4 - 2
DMG4812SSS DIODES-DMG4812SSS Datasheet
160Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS35071 Rev. 2 - 2
DMG4710SSS DIODES-DMG4710SSS Datasheet
175Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32055 Rev. 6 - 2
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 6
DMS3016SFG DIODES-DMS3016SFG_15 Datasheet
218Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 7
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 1
logo
Sinopower Semiconductor...
SM1691OSCS SINOPWER-SM1691OSCS Datasheet
260Kb / 12P
Single N-Channel Enhancement Mode MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com