Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8494 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8494
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8494 Datasheet HTML 8Page - Analog Devices AD8494 Datasheet HTML 9Page - Analog Devices AD8494 Datasheet HTML 10Page - Analog Devices AD8494 Datasheet HTML 11Page - Analog Devices AD8494 Datasheet HTML 12Page - Analog Devices AD8494 Datasheet HTML 13Page - Analog Devices AD8494 Datasheet HTML 14Page - Analog Devices AD8494 Datasheet HTML 15Page - Analog Devices AD8494 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Rev. 0 | Page 13 of
16
Keeping the AD849x at the Same Temperature
as the Reference Junction
RECOMMENDATIONS FOR BEST CIRCUIT
PERFORMANCE
The AD849x compensates for thermocouple reference junction
temperature by using an internal temperature sensor. It is
critical to keep the reference junction (thermocouple-to-PCB
connection) as close to the AD849x as possible. Any difference
in temperature between the AD849x and the reference junction
appears directly as temperature error. Temperature difference
between the device and the reference junction may occur if the
AD849x is not physically close to the reference junction or if the
AD849x is required to supply large amounts of output power.
Input Filter
A low-pass filter before the input of the AD849x is strongly
recommended (see Figure 29), especially when operating in an
electrically noisy environment. Long thermocouple leads can
function as an excellent antenna and pick up many unwanted
signals.
The filter should be set to a low corner frequency that still
allows the input signal to pass through undiminished. The
primary purpose of the filter is to remove RF signals, which,
if allowed to reach the AD849x, can be rectified and appear
as temperature fluctuations.
AD849x
PCB
TRACES
KEEP
TRACES
SHORT
KEEP JUNCTION AND
AD849x AT SAME
TEMPERATURE
MEASUREMENT
JUNCTION
REFERENCE
JUNCTION
THERMOCOUPLE WIRES
R
R
AD849x
CD
CC
CC
1M
Ω
CONNECT WHEN
THERMOCOUPLE TIP
TYPE IS UNKNOWN
FILTER FREQUENCYDIFF =
1
2
πR(2CD + CC)
FILTER FREQUENCYCM =
WHERE CD ≥ 10CC
1
2
πRCC
Figure 31. Compensating for Thermocouple Reference Junction Temperature
Driving the Reference Pin
The AD849x comes with a reference pin, which can be used
to offset the output voltage. This is particularly useful when
reading a negative temperature in a single-supply system.
INCORRECT
V
CORRECT
AD849x
AD8613
+
–
V
REF
AD849x
REF
Figure 29. Filter for Any Thermocouple Style
To prevent input offset currents from affecting the measurement
accuracy, the filter resistor values should be less than 50 kΩ.
Ground Connection
It is always recommended that the thermocouple be connected
to ground through a 100 kΩ to 1 MΩ resistor placed at the
negative (inverting) input of the amplifier on the PCB (see
Figure 30). This solution works well regardless of the thermo-
couple tip style.
1M
Ω
Figure 32. Driving the Reference Pin
For best performance, the reference pin should be driven with a
low output impedance source, not a resistor divider. The AD8613
and the OP777 are good choices for the buffer amplifier.
Figure 30. Ground the Thermocouple with a 1 MΩ Resistor
Debugging Tip
If there is no electrical connection at the measurement junction
(insulated tip), the resistor value is small enough that no mean-
ingful common-mode voltage is generated. If there is an electrical
connection through a grounded or exposed tip, the resistor value
is large enough that any current from the measurement tip to
ground is very small, preventing measurement errors.
If the AD849x is not providing the expected performance, a
useful debugging step is to implement the ambient temperature
configuration in Figure 34. If the ambient temperature sensor
does not work as expected, the problem is likely with the AD849x
or with the downstream circuitry. If the ambient temperature
sensor configuration is working correctly, the problem typically
lies with how the thermocouple is connected to the AD849x.
Common errors include an incorrect grounding configuration
or lack of filtering.
The AD849x inputs require only one ground connection or source
of common-mode voltage. Any additional ground connection is
detrimental to performance because ground loops can form
through the thermocouple, easily swamping the small
thermocouple signal. Grounding the thermocouple through a
resistor as recommended prevents such problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com