Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9650 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9650 Datasheet HTML 35Page - Analog Devices AD9650 Datasheet HTML 36Page - Analog Devices AD9650 Datasheet HTML 37Page - Analog Devices AD9650 Datasheet HTML 38Page - Analog Devices AD9650 Datasheet HTML 39Page - Analog Devices AD9650 Datasheet HTML 40Page - Analog Devices AD9650 Datasheet HTML 41Page - Analog Devices AD9650 Datasheet HTML 42Page - Analog Devices AD9650 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD9650
Rev. 0 | Page 39 of 44
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into four sections: the chip
configuration registers (Address 0x00 to Address 0x02); the
channel index and transfer registers (Address 0x05 and
Address 0xFF); the ADC functions registers, including setup,
control, and test (Address 0x08 to Address 0x30); and the digital
feature control register (Address 0x100).
The memory map register table (see Table 17) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For more information on this
function and others, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI. This application note details the
functions controlled by Register 0x00 to Register 0xFF. The
remaining register, Register 0x100, is documented in the Memory
Map Register Table section.
Open Locations
All address and bit locations that are not included in Table 17
are not currently supported for this device. Unused bits of a
valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x17).
Default Values
After the AD9650 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 17.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x08 through Address 0x18 and Address 0x30 are
shadowed. Writes to these addresses do not affect part
operation until a transfer command is issued by writing 0x01 to
Address 0xFF, setting the transfer bit. This allows these registers
to be updated internally and simultaneously when the transfer
bit is set. The internal update takes place when the transfer bit is
set, and the bit autoclears.
Channel-Specific Registers
Some channel setup functions, such as the signal monitor
thresholds, can be programmed differently for each channel. In
these cases, channel address locations are internally duplicated for
each channel. These registers and bits are designated in Table 17
as local. These local registers and bits can be accessed by setting
the appropriate Channel A or Channel B bits in Register 0x05.
If both bits are set, the subsequent write affects the registers of
both channels. In a read cycle, only Channel A or Channel B
should be set to read one of the two registers. If both bits are set
during an SPI read cycle, the part returns the value for Channel A.
Registers and bits designated as global in Table 17 affect the entire
part or the channel features for which independent settings are not
allowed between channels. The settings in Register 0x05 do not
affect the global registers and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com