Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9963 Datasheet HTML 44Page - Analog Devices AD9963 Datasheet HTML 45Page - Analog Devices AD9963 Datasheet HTML 46Page - Analog Devices AD9963 Datasheet HTML 47Page - Analog Devices AD9963 Datasheet HTML 48Page - Analog Devices AD9963 Datasheet HTML 49Page - Analog Devices AD9963 Datasheet HTML 50Page - Analog Devices AD9963 Datasheet HTML 51Page - Analog Devices AD9963 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 48 of 60
DIGITAL INTERFACES
The AD9961/AD9963 have two parallel interface ports, the
Tx port and the TRx port. The operation of the ports depends
on whether the device is configured for full-duplex or half-
duplex mode.
In full-duplex mode, the TRx and Tx port operate independently.
The TRx port outputs samples from the receive path and the Tx
port accepts incoming samples for the transmit port.
In half-duplex mode, the TRx port outputs samples from the
receive path and accepts incoming samples for the transmit
path. The Tx port is disabled. The operation of the digital
interface is detailed in the sections that follow.
TRX PORT OPERATION (FULL-DUPLEX MODE)
In full-duplex mode, the TRX port sources the data from the
AD9961/AD9963 I and Q receive channels. The interface
consists of an output data bus (TRXD[11:0]) that carries the
interleaved I and Q data. The data is accompanied by a
qualifying output clock (TRXCLK) and an output signal
(TRXIQ) that identifies the data as from either the I or Q
channel. The maximum guaranteed data rate is 200 MSPS.
The basic timing diagram for the Rx path is shown in Figure 72.
By default, the time-aligned TRXD[11:0] and TRXIQ output
signals are driven on the rising edge of the TRXCLK signal.
The tOD parameters are specified in Table 23.
TRXIQ
TRXD[11:0]
TRXCLK
I0
I1
Q0
Q1
tOD1
Figure 72. Receive Path Timing Diagram (Bus Rate Clock Mode)
An additional configuration bit, RXCLKPH, is available to
invert the TRXCLK. In this case, the TRX data and the TRXIQ
signals are driven out on the falling edge of TRXCLK and tOD is
measured with respect to the falling edge of TRXCLK.
The analog signals are sampled simultaneously, creating a
quadrature pair of data. This creates two possible data pairing
orders on the output bus, I data followed by Q data, or Q data
followed by I data. There are also two possible ways to align the
bus data with the TRXIQ signal, I data aligned with TRXIQ
being high or I data aligned with TRXIQ being low. The IQ
pairing and data to TRXIQ alignment relationships create four
possible timing modes. The AD9961/AD9963 enable any of
these four modes to be sourced from the device. The data
pairing order is controlled by the RX_IFIRST bit. The phase
relationship between the Rx data and the RXIQ signal is
controlled by the RXIQ_HILO bit. The two programming
options produce the four timing diagrams shown in Figure 73.
I1
I0
Q0
TRXIQ
TRXD[11 :0]
TRXD[11 :0]
TRXD[11 :0]
TRXD[11 :0]
Q1
I2
Q2
Q1
Q0
I1
I2
Q2
I3
Q1
I0
I1
Q2
I2
Q0
I1
Q1
Q2
I2
Q3
I0
RX_IFIRST = 1
RXIQ_HILO = 1
RX_IFIRST = 1
RXIQ_HILO = 0
RX_IFIRST = 0
RXIQ_HILO = 1
RX_IFIRST = 0
RXIQ_HILO = 0
Figure 73. Receive Path Data Pairing Options
The output clock on TRXCLK can also be configured as a
double data rate (DDR) clock. In this mode the output clock is
divided by 2 and samples are placed on the TRXD[11:0] bus on
both the rising and falling edges of the TRXCLK. Figure 74
shows the timing.
TRXIQ
TRXD[11:0]
tOD2
I0
I1
Q0
Q1
TRXCLK
Figure 74. Receive Path Timing Diagram (DDR Clock Mode)
Table 23. Maximum Output Delay Between TRXCLK/
TRXD[11:0] and TRXIQ Signals from −40°C to +85°C
Parameter
Min
Max
Min
Max
Units
Drive
Strength
Register 0x63 =
0x00
Register 0x63 =
0xAA
t
OD1
0.55
0.93
0.36
0.57
ns
t
OD2
0.42
0.67
0.20
0.35
ns
SINGLE ADC MODE
The receive port can be operated with only one of the ADCs
operational. In this mode the TRXCLK signal can operate in
either bus rate clock mode or double data rate clock mode. The
TRXIQ pin indicates which ADC is active. Figure 75 to Figure 78
show the timing options available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com