Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7242BCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADF7242BCPZ
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242BCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADF7242BCPZ Datasheet HTML 60Page - Analog Devices ADF7242BCPZ Datasheet HTML 61Page - Analog Devices ADF7242BCPZ Datasheet HTML 62Page - Analog Devices ADF7242BCPZ Datasheet HTML 63Page - Analog Devices ADF7242BCPZ Datasheet HTML 64Page - Analog Devices ADF7242BCPZ Datasheet HTML 65Page - Analog Devices ADF7242BCPZ Datasheet HTML 66Page - Analog Devices ADF7242BCPZ Datasheet HTML 67Page - Analog Devices ADF7242BCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
ADF7242
Rev. 0 | Page 64 of 108
PREAMBLE
SYNC
PACKET
TRCLK_CKO_GP3
tx_mac_delay
RC_TX
DT_GP1
REGISTER gp_cfg,
FIELD gpio_config
1, (4)
IRQ2_TRFS_GP2
RC_PHY_RDY
Figure 97. SPORT Operation in GFSK/FSK TX State
TRCLK_CKO_GP3
rx_mac_delay
RC_RX
DR_GP0
REGISTER gp_cfg,
FIELD gpio_config
1, (4)
2, (5)
3, (6)
IRQ2_TRFS_GP2
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
TRCLK_CKO_GP3
DR_GP0
IRQ2_TRFS_GP2
PREAMBLE
NOISE
SYNC
PACKET
RC_PHY_RDY
NOISE
Figure 98. Overview of SPORT Modes in GFSK/FSK RX State
Table 33. GFSK/FSK Mode SPORT Interface Configurations
Register gp_cfg,
Bit gpio_config
IRQ2_TRFS_GP2
DR_GP0
DT_GP1
TRCLK_CKO_GP3
1
RX: not used, low
TX: not used, low
RX: data output, changes at
falling edge of data clock
TX: not used
RX: not used
TX: data input, sampled at
rising edge of data clock
RX: data clock
TX: data clock
2
RX: goes high when sync
match has been
detected
RX: data output, changes at
falling edge of data clock
RX: not used
RX: data clock, gated with
detection of preamble
3
RX: goes high when sync
match has been
detected
RX: data output, changes at
falling edge of data clock
RX: not used
RX: data clock, gated with
detection of sync word
4
RX: not used, low
TX: not used, low
RX: data output, changes at
rising edge of data clock
TX: not used
RX: not used
TX: data input, sampled at
falling edge of data clock
RX: data clock
TX: data clock
5
RX: goes high when sync
match has been
detected
RX: data output, changes at
rising edge of data clock
RX: not used
RX: data clock, gated with
detection of preamble
6
RX: goes high when sync
match has been
detected
RX: data output, changes at
rising edge of data clock
RX: not used
RX: data clock, gated with
detection of sync word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com