| Electronic Components Datasheet Search |
|
AD9961-EBZ Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9961-EBZ Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 60 page ![]() AD9961/AD9963 Rev. 0 | Page 49 of 60 TRXIQ TRXD[11:0] TRXCLK I0 I1 tOD2 Figure 75. Rx Timing, I ADC Only, Bus Rate Clock Mode TRXIQ TRXD[11:0] TRXCLK Q0 Q1 tOD2 Figure 76. Rx Timing, Q ADC Only, Bus Rate Clock Mode TRXIQ TRXD[11:0] TRXCLK I0 I1 tOD2 Figure 77. Rx Timing, I ADC Only, DDR Clock Mode TRXIQ TRXD[11:0] TRXCLK Q0 Q1 tOD2 Figure 78. Rx Timing, Q ADC Only, DDR Clock Mode In addition to the different timing modes listed in Figure 75 to Figure 78, the input data can also be delivered from the device in either unsigned binary or twos complement format. The format type is chosen via the RX_BNRY configuration bit. TX PORT OPERATION (FULL-DUPLEX MODE) The Tx port operates with a qualifying clock that can be configured as either an input or an output. The input data (TXD[11:0]) must be accompanied by the TXIQ signal which identifies to which transmit channel (I or Q) the data is intended. By default, the data and TXIQ signals are latched by the device on the rising edge of TXCLK. The timing diagram is shown in Figure 79 TXIQ TXD[11:0] TXCLK tSU tHD Figure 79. Tx Port Timing Diagram (Data Rate Clock Mode) The setup and hold time requirements for the Tx port in data rate clock mode are given in Table 24. The input samples to the device are assembled to create a quadrature pair of data. The data can be arranged in two possible data pairing orders and with two possible data to TXIQ signal phase relationships. This creates four possible timing modes. The AD9961/AD9963 can be configured to accept data in any of these four modes. The data pairing order is controlled by the TX_IFIRST bit. The data to TXIQ phase relationship is controlled by the TXIQ_HILO bit. The two programming options produce the four timing diagrams shown in Figure 80. I1 I0 Q0 TXIQ TXD[11 :0] TXD[11 :0] TXD[11 :0] TXD[11 :0] Q1 I2 Q2 Q1 Q0 I1 I2 Q2 I3 Q1 I0 I1 Q2 I2 Q0 I1 Q1 Q2 I2 Q3 I0 TX_IFIRST = 1 TXIQ_HILO = 1 TX_IFIRST = 1 TXIQ_HILO = 0 TX_IFIRST = 0 TXIQ_HILO = 1 TX_IFIRST = 0 TXIQ_HILO = 0 Figure 80. Transmit Path Data Pairing Options In addition to the different timing modes listed above, the input data can also be accepted by the device in either unsigned binary or twos complement format. The format type is chosen via the TX_BNRY configuration bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |