Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963-EBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9963-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963-EBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9963-EBZ Datasheet HTML 49Page - Analog Devices AD9963-EBZ Datasheet HTML 50Page - Analog Devices AD9963-EBZ Datasheet HTML 51Page - Analog Devices AD9963-EBZ Datasheet HTML 52Page - Analog Devices AD9963-EBZ Datasheet HTML 53Page - Analog Devices AD9963-EBZ Datasheet HTML 54Page - Analog Devices AD9963-EBZ Datasheet HTML 55Page - Analog Devices AD9963-EBZ Datasheet HTML 56Page - Analog Devices AD9963-EBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 53 of 60
Digital Output Coding
The digital output coding is straight binary. The ideal transfer
characteristic for the auxiliary ADC is shown in Figure 86.
000 ... 000
000 ... 001
000 ... 010
111 ... 101
111 ... 110
111 ... 111
ANALOG INPUT
+0.5 LSB
1 LSB
+VFS – 1.5 LSB
+VFS – 1 LSB
Figure 86. Auxiliary ADC Transfer Function
Auxiliary ADC Conversion Cycle
A conversion is initiated by writing to SPI Register 0x77. The
conversion starts on the first rising edge of the AUXADCCLK
following a write to Register 0x77 (serial port register writes are
completed on the eighth rising edge of SCLK during the data
word write cycle). The conversion takes from 20 to 34
AUXADCCLK cycles to complete depending on the conversion
time setting programmed in Register 0x77. In most cases, the
ADC throughput is a function of both the serial port clock rate
and the ADC conversion time.
Figure 87 shows a typical timing scenario for an auxiliary ADC
conversion period. The scenario shows the write that initiates
the conversion, followed by the read that retrieves the conversion
result. In some cases, it may be required to add a wait time
between the write and read to ensure that the conversion is
complete. The wait time depends on the ADC conversion cycle
time and the speed of the serial port clock. The minimum wait
time is calculated as:
SCLK
AUXADCCLK
wait
t
t
N
t
×
−
×
+
≥
7
)
1
(
where N is the number of auxiliary ADC clock cycles that result
from the conversion time setting in Register 0x7B. tSCLK is the
serial port clock period. A negative wait time indicates no wait
time is required.
WRITE
INSTR.
WRITE
INSTR.
READ
INSTR.
DATA
REG
0x77
ADC
CONVERSION
ADC
CONVERSION
SERIAL
PORT
WAIT
WAIT
DATA
REG
0x78
DATA
REG
0x77
DATA
REG
0x79
AUX ADC CYCLE 1
AUX ADC CYCLE 2
Figure 87. Timing Scenario for Auxiliary ADC Conversion Cycle
It should be noted that after initial power-up or recovery from
power-down, the ADC needs about 100 µS to stabilize. In many
cases, the results of the first conversion should be discarded in
order for the auxiliary ADC to reach an optimum operating
condition.
AUXILIARY DACs
The AD9963 has two 10-bit auxiliary DACs and two 12-bit
auxiliary DACs suitable for calibration and control functions.
The DACs have voltage outputs with selectable full-scale
voltages and output ranges. The auxiliary DACs are configured
and updated through the serial port interface.
10-Bit Auxiliary DACs
The two 10-bit DACs have identical transfer functions and are
output on the AUXIO2 and AUXIO3 pins. The two DACs can
be independently enabled and configured. The DACs have five
selectable top-of-scale voltages and four selectable output
ranges, which result in 20 possible transfer functions.
+
–
DACCODE[9:0]
AVDD
DAC10_RNG
0.5V
16k
Ω
AUXIO
DAC10_RNG: 00 = 2.0V = 124µA Ifs
01 = 1.5V = 93µA Ifs
10 = 1.0V = 62µA Ifs
11 = 0.5V = 31µA Ifs
RTOP
DAC10_TOP: 000 = 1.0V = 16k
Ω
001 = 1.5V = 8.0k
Ω
010 = 2.0V = 5.3k
Ω
011 = 2.5V = 4.0k
Ω
100 = 3.0V = 3.2k
Ω
ISPAN
Figure 88. Simplified Circuit Diagram of the 10-Bit Auxiliary DAC
The circuit is most easily analyzed using superposition of two
inputs to the op amp, the 0.5 V reference voltage, and the
programmable current source. The following equation describes
the no-load output voltage:


×
−
×
Ω
+
=
SPAN
TOP
OUT
I
DACCODE
R
V
V
1024
5.
0
k
16
5.
0
The DACCODE (see Register 0x49 and Register 0x4A for
DAC10A and Register 0x46 and Register 0x47 for DAC10B) is
interpreted such that ISPAN is full scale at 0x000 and zero at 0x3FF.
This leads to an increasing output voltage with increasing code
as shown in Figure 89 and Figure 90. The five selectable gain
setting resistors of 3.2 kΩ, 4.0 kΩ, 5.3 kΩ, 8.0 kΩ, and 16 kΩ
result in full-scale output voltage levels of 3.0 V, 2.5 V, 2.0 V,
1.5 V and 1.0 V respectively. The four selectable full-scale
currents of 31 µA, 62 µA, 93 µA and 124 µA result in voltage
output spans of 0.5 V, 1.0 V, 1.5 V, and 2.0 V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com