Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5534 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5534
Description  UHF to S Band Low-Noise Amplifier, OSC Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5534 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5534 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5534
No.6258–4/5
VCE=1V, IC=10mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
1
7
.
06
.
3
3
–4
9
8
.
5
15
.
4
5
12
2
0
.
06
.
4
79
0
9
.
03
.
8
1
–
0
0
27
2
6
.
08
.
0
6
–6
1
8
.
3
10
.
6
3
19
3
0
.
00
.
3
63
7
7
.
08
.
1
3
–
0
0
45
9
4
.
08
.
2
0
1
–6
6
2
.
0
15
.
1
1
17
5
0
.
04
.
3
53
7
5
.
05
.
5
4
–
0
0
67
2
4
.
06
.
6
2
1
–8
1
7
.
72
.
7
90
7
0
.
04
.
1
59
5
4
.
00
.
1
5
–
0
0
82
9
3
.
09
.
4
4
1
–5
7
0
.
60
.
7
82
8
0
.
02
.
0
54
0
4
.
04
.
4
5
–
0
0
0
10
7
3
.
00
.
0
6
1
–8
4
9
.
48
.
7
73
9
0
.
07
.
0
52
7
3
.
09
.
6
5
–
0
0
2
17
5
3
.
05
.
0
7
1
–7
3
2
.
48
.
0
78
0
1
.
02
.
0
50
6
3
.
02
.
0
6
–
0
0
4
18
4
3
.
09
.
9
7
1
–8
4
6
.
39
.
3
60
2
1
.
08
.
9
49
4
3
.
00
.
3
6
–
0
0
6
12
4
3
.
06
.
1
7
19
2
2
.
33
.
8
54
3
1
.
06
.
8
47
4
3
.
07
.
5
6
–
0
0
8
11
4
3
.
02
.
2
6
14
0
9
.
27
.
1
58
4
1
.
07
.
7
40
5
3
.
02
.
9
6
–
0
0
0
28
3
3
.
09
.
4
5
18
2
6
.
29
.
5
41
6
1
.
06
.
5
42
5
3
.
04
.
2
7
–
VCE=5V, IC=1mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
16
7
9
.
05
.
6
–6
3
3
.
25
.
1
7
12
2
0
.
04
.
4
86
9
9
.
04
.
4
–
0
0
21
6
9
.
08
.
3
1
–9
1
3
.
23
.
3
6
12
4
0
.
08
.
7
75
8
9
.
04
.
9
–
0
0
49
3
9
.
06
.
6
2
–8
0
4
.
20
.
9
4
10
8
0
.
06
.
7
64
5
9
.
09
.
9
1
–
0
0
65
0
9
.
05
.
9
3
–6
0
0
.
23
.
7
3
12
1
1
.
06
.
8
59
2
9
.
00
.
6
2
–
0
0
80
4
8
.
00
.
5
5
–7
7
1
.
24
.
5
2
19
3
1
.
07
.
9
45
8
8
.
09
.
3
3
–
0
0
0
17
2
8
.
02
.
4
6
–5
1
1
.
21
.
4
1
14
5
1
.
01
.
3
46
0
8
.
09
.
1
4
–
0
0
2
18
4
7
.
07
.
9
7
–6
7
1
.
28
.
2
0
15
7
1
.
08
.
5
37
9
7
.
09
.
6
4
–
0
0
4
13
1
7
.
01
.
0
9
–9
4
9
.
13
.
3
92
9
1
.
03
.
0
38
8
7
.
07
.
0
5
–
0
0
6
13
9
6
.
00
.
9
9
–6
1
7
.
15
.
5
86
9
1
.
04
.
5
29
5
7
.
08
.
5
5
–
0
0
8
13
2
6
.
05
.
2
1
1
–0
1
9
.
13
.
4
79
9
1
.
05
.
0
26
1
7
.
09
.
0
6
–
0
0
0
24
8
5
.
06
.
3
2
1
–7
8
6
.
12
.
6
60
0
2
.
09
.
7
14
8
6
.
08
.
4
6
–
VCE=5V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
2
9
.
01
.
1
1
–9
3
6
.
61
.
7
6
11
2
0
.
09
.
9
74
8
9
.
04
.
8
–
0
0
23
9
8
.
08
.
1
2
–8
0
4
.
69
.
5
5
19
3
0
.
07
.
3
75
4
9
.
02
.
6
1
–
0
0
48
1
8
.
03
.
1
4
–3
0
5
.
56
.
9
3
10
7
0
.
09
.
0
68
5
8
.
00
.
9
2
–
0
0
67
1
7
.
00
.
2
6
–0
9
5
.
57
.
2
2
19
8
0
.
02
.
2
55
5
7
.
05
.
8
3
–
0
0
88
2
6
.
03
.
0
8
–6
4
0
.
58
.
9
0
11
0
1
.
04
.
6
42
7
6
.
08
.
5
4
–
0
0
0
16
6
5
.
00
.
4
9
–7
9
2
.
47
.
9
96
1
1
.
03
.
2
40
2
6
.
05
.
0
5
–
0
0
2
11
9
4
.
07
.
9
0
1
–9
0
0
.
46
.
8
85
2
1
.
09
.
8
39
6
5
.
00
.
5
5
–
0
0
4
12
3
4
.
05
.
3
2
1
–0
1
6
.
39
.
8
70
3
1
.
08
.
7
31
4
5
.
06
.
8
5
–
0
0
6
10
9
3
.
02
.
6
3
1
–1
0
3
.
34
.
1
71
4
1
.
05
.
6
39
2
5
.
06
.
1
6
–
0
0
8
14
6
3
.
06
.
6
4
1
–0
8
9
.
20
.
4
61
5
1
.
04
.
3
38
1
5
.
07
.
4
6
–
0
0
0
27
3
3
.
00
.
8
5
1
–6
9
6
.
23
.
7
56
5
1
.
00
.
4
35
0
5
.
06
.
7
6
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com