Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2120 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2120
Description  2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2120 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2120 Datasheet HTML 5Page - Analog Devices ADP2120 Datasheet HTML 6Page - Analog Devices ADP2120 Datasheet HTML 7Page - Analog Devices ADP2120 Datasheet HTML 8Page - Analog Devices ADP2120 Datasheet HTML 9Page - Analog Devices ADP2120 Datasheet HTML 10Page - Analog Devices ADP2120 Datasheet HTML 11Page - Analog Devices ADP2120 Datasheet HTML 12Page - Analog Devices ADP2120 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP2119/ADP2120
Rev. 0 | Page 9 of 24
1.30
1.00
1.05
1.10
1.15
1.20
1.25
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
FALLING
RISING
Figure 16. EN Threshold vs. Temperature
3.1
2.5
2.6
2.7
2.8
2.9
3.0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 17. Peak Current Limit vs. Temperature (ADP2119, VIN = 3.3 V)
2.10
2.05
1.75
1.80
1.85
1.90
1.95
2.00
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 18. Peak Current Limit vs. Temperature (ADP2120, VIN = 3.3 V)
2.30
2.00
2.05
2.10
2.15
2.20
2.25
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
FALLING
RISING
Figure 19. UVLO Threshold vs. Temperature (VIN = 3.3 V)
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
VIN (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 20. Peak Current Limit vs. VIN (ADP2119)
2.2
2.1
2.0
1.9
1.8
1.7
1.6
2.3
5.5
5.1
4.7
4.3
3.9
3.5
3.1
2.7
VIN (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C
Figure 21. Peak Current Limit vs. VIN (ADP2120)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com