Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2302 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2302
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 15Page - Analog Devices ADP2302 Datasheet HTML 16Page - Analog Devices ADP2302 Datasheet HTML 17Page - Analog Devices ADP2302 Datasheet HTML 18Page - Analog Devices ADP2302 Datasheet HTML 19Page - Analog Devices ADP2302 Datasheet HTML 20Page - Analog Devices ADP2302 Datasheet HTML 21Page - Analog Devices ADP2302 Datasheet HTML 22Page - Analog Devices ADP2302 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 19 of 28
INPUT CAPACITOR
The input capacitor must be able to support the maximum input
operating voltage and the maximum RMS input current. The
rms ripple current flowing through the input capacitor is, at
maximum, ILOAD(max)/2. Select an input capacitor capable of
withstanding the rms ripple current for an application’s maxi-
mum load current using the following equation:
()
D
D
I
I
LOAD
RMS
IN
−
×
×
=
1
(max)
)
(
where D is the duty cycle and is equal to
D
IN
D
OUT
V
V
V
V
D
+
+
=
The recommended input capacitance is ceramic with X5R or X7R
dielectrics due to its low ESR and small temperature coefficients.
A capacitance of 10 μF should be adequate for most applications.
To minimize supply noise, place the input capacitor as close as
possible to the VIN pin of the ADP2302/ADP2303.
OUTPUT CAPACITOR
The output capacitor selection affects both the output voltage ripple
and the loop dynamics of the regulator. The ADP2302/ADP2303
are designed to operate with small ceramic capacitors that have
low ESR and equivalent series inductance (ESL) and are, therefore,
easily able to meet stringent output voltage ripple specifications.
When the regulator operates in continuous conduction mode,
the overall output voltage ripple is the sum of the voltage spike
caused by the output capacitor equivalent series resistance
(ESR) plus the voltage ripple caused by the charging and
discharging of the output capacitor
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
×
×
Δ
=
Δ
OUT
C
OUT
sw
RIPPLE
RIPPLE
ESR
C
f
I
V
8
1
Capacitors with lower ESR are preferable to guarantee low
output voltage ripple, as shown in the following equation:
RIPPLE
RIPPLE
Cout
I
V
ESR
Δ
Δ
≤
Ceramic capacitors are manufactured with a variety of dielec-
trics, each with different behavior over temperature and applied
voltage. X5R or X7R dielectrics are recommended for best
performance, due to their low ESR and small temperature
coefficients. Y5V and Z5U dielectrics are not recommended
because of their poor temperature and dc bias characteristics.
In general, most applications require a minimum output
capacitor value of 2 × 22 μF.
Some recommended output capacitors for VOUT ≤ 5.0 V are
provided in Table 9.
THERMAL CONSIDERATION
ADP2302/ADP2303 have an internal high-side MOSFET and
its drive circuit. Only a small amount of power dissipates inside
the ADP2302/ADP2303 package under typical load conditions,
which reduces thermal constraints.
However, in applications with maximum loads at high ambient
temperature and high duty cycle, the heat dissipated in the
package may cause the junction temperature of the die to
exceed the maximum junction temperature of 125°C. If the
junction temperature exceeds 150°C, the regulator goes into
thermal shutdown and recovers when the junction temperature
drops below 135°C.
The junction temperature of the die is the sum of the ambient
temperature and the temperature rise of the package due to
power dissipation, as indicated in the following equation:
TJ = TA + TR
where:
TJ is the junction temperature.
TA is the ambient temperature.
TR is the rising temperature of the package due to power
dissipation.
The rising temperature of the package is directly proportional
to the power dissipation in the package. The proportionality
constant for this relationship is the thermal resistance from the
junction of the die to the ambient temperature, as shown in the
following equation:
TR = θJA × PD
where:
TR is the rising temperature of the package.
θJA is the thermal resistance from the junction of the die to the
ambient temperature of the package.
PD is the power dissipation in the package.
Table 9. Recommended Capacitors for VOUT ≤ 5.0 V
Vendor
Value
Part No.
Dimensions L × W × H (mm)
Murata
22 μF, 6.3 V, X5R
GRM31CR60J226KE19
3.2 × 2.5 × 2.0
47 μF, 6.3 V, X5R
GRM32ER60J476ME20
3.2 × 2.5 × 2.0
TDK
22 μF, 6.3 V, X5R
C3216X5R0J226MB
3.2 × 1.6 × 0.85
33 μF, 6.3 V, X5R
C3216X5R0J336MB
3.2 × 1.6 × 1.3
47 μF, 6.3 V, X5R
C3225X5R0J476MB
3.2 × 2.5 × 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com