Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5539 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5539
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5539 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5539 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5539 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
VHF to UHF
Low-Noise Wide-Band Amplifier Applications
Ordering number:ENN6341
2SC5539
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
10700TS (KOTO) TA-2427 No.6341–1/5
0.25
0.2
1.4
0.45
1
3
2
0.1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2159
[2SC5539]
Features
· Low noise : NF=1.1dB typ (f=1GHz).
· High gain :
S21e2=12dB typ (f=1GHz).
· High cutoff frequency : fT=7.5GHz typ.
· Ultrasmall, slim flat-lead package.
(1.4mm
× 0.8mm × 0.6mm)
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
Marking : ND
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
2
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
2V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
0
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
0
3
=
0
90
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT
V E
C
I
,
V
5
=
C
A
m
0
3
=
65
.
7z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
5
=
5
8
.
03
.
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
5
=
6
.
0F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
e
1
2
S
|
2
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
0
3
=
0
12
1B
d
e
r
u
g
i
F
e
s
i
o
NF
N
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
7
=
1
.
10
.
2B
d


Similar Part No. - 2SC5539

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
More results

Similar Description - 2SC5539

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
2SC5503 SANYO-2SC5503 Datasheet
45Kb / 6P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5231A SANYO-2SC5231A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A Datasheet
55Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5226A SANYO-2SC5226A Datasheet
70Kb / 6P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5227A SANYO-2SC5227A_12 Datasheet
454Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5501A SANYO-2SC5501A_12 Datasheet
470Kb / 8P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com