Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2463 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2463
Description  Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2463 Datasheet(HTML) 3 Page - Linear Technology

  LTC2463 Datasheet HTML 1Page - Linear Technology LTC2463 Datasheet HTML 2Page - Linear Technology LTC2463 Datasheet HTML 3Page - Linear Technology LTC2463 Datasheet HTML 4Page - Linear Technology LTC2463 Datasheet HTML 5Page - Linear Technology LTC2463 Datasheet HTML 6Page - Linear Technology LTC2463 Datasheet HTML 7Page - Linear Technology LTC2463 Datasheet HTML 8Page - Linear Technology LTC2463 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2461/LTC2463
3
24613f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
(Note 3)
l
16
Bits
Integral Nonlinearity
(Note 4)
l
1
8
LSB
Offset Error
LTC2461, 30Hz, LTC2463
LTC2461, 60Hz
l
2
5
15
LSB
LSB
Offset Error Drift
0.02
LSB/°C
Gain Error
Includes Contributions of ADC and Internal Reference
l
±0.01
±0.25
% of FS
Gain Error Drift
Includes Contributions of ADC and Internal Reference
C-Grade
I-Grade
l
±2
±5
±10
ppm/°C
ppm/°C
Transition Noise
2.2
μVRMS
Power Supply Rejection DC
80
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
ANALOG INPUTS The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
Conversion
Nap
Sleep
l
l
l
1.5
800
0.2
2.5
1500
2
mA
μA
μA
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Positive Input Voltage Range
LTC2463
l
0VREF
V
VIN–
Negative Input Voltage Range
LTC2463
l
0VREF
V
VIN
Input Voltage Range
LTC2461
l
0VREF
V
VOR+, VUR+
Overrange/Underrange Voltage, IN+
VIN– = 0.625V (See Figure 3)
8
LSB
VOR–, VUR–
Overrange/Underrange Voltage, IN–
VIN+ = 0.625V (See Figure 3)
8
LSB
CIN
IN+, IN–, IN Sampling Capacitance
0.35
pF
IDC_LEAK(IN+, IN–, IN) IN+, IN– DC Leakage Current (LTC2463)
IN DC Leakage Current (LTC2461)
VIN = GND or VCC (Note 8)
VIN = GND or VCC (Note 8)
l
l
–10
–10
1
1
10
10
nA
nA
ICONV
Input Sampling Current (Note 5)
50
nA
VREF
REFOUT Output Voltage
l
1.247
1.25
1.253
V
REFOUT Voltage Temperature Coefficient (Note 9)
C-Grade
I-Grade
l
±2
±5
±10
ppm/°C
ppm/°C
Reference Line Regulation
2.7V ≤ VCC ≤ 5.5V
–90
dB
Reference Short Circuit Current
VCC = 5.5, Forcing REFOUT to GND
l
35
mA
COMP Pin Short Circuit Current
VCC = 5.5, Forcing REFOUT to GND
l
200
μA
Reference Load Regulation
2.7V ≤ VCC ≤ 5.5V, IOUT = 100μA Sourcing
3.5
mV/mA
Reference Output Noise Density
CCOMP= 0.1μF, CREFOUT = 0.1μF, At f = 1kHz
30
nV/√Hz
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com