Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5763 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5763
Description  Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5763 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5763 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5763 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5763 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5763 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5763
No.6989-2/4
VR
RB
VCC=200V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
hFE1VCE=5V, IC=0.8A
20*
50*
DC Current Gain
hFE2VCE=5V, IC=4A
10
hFE3VCE=5V, IC=1mA
10
Collectoe-to-Emitter Saturation Voltage
VCE(sat)
IC=4A, IB=0.8A
0.8
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=4A, IB=0.8A
1.5
V
Gain-Bandwidth Product
fT
VCE=10V, IC=0.8A
17
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
80
pF
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=1mA, IE=0
700
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=5mA, RBE=∞
400
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
8
V
Turn-On Time
ton
IC=5A, IB1=1A, IB2=--2A, RL=40Ω, VCC=200V
0.5
µs
Storage Time
tstg
IC=5A, IB1=1A, IB2=--2A, RL=40Ω, VCC=200V
2.5
µs
Fall Time
tf
IC=5A, IB1=1A, IB2=--2A, RL=40Ω, VCC=200V
0.25
µs
Switching Time Test Circuit
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1.0
1.2
2
3
7
5
100
10
2
3
7
5
1.0
0.1
23
7
5
1.0
0.01
23
7
52
3
7
5
10
VCE=5V
IT03053
IT03054
hFE -- IC
IT03055
0
0
2
4
6
8
10
24
6
8
10
--40°C
25
°C
Ta=120°C
VCE=5V
IB=0
100mA
200mA
300mA
400mA
500mA
600mA
700mA
800mA
900mA
1000mA
1.0
0.1
2
3
7
5
2
3
7
5
0.01
0.1
23
7
5
1.0
0.01
23
7
52
3
7
5
10
VCE(sat) -- IC
IT03056
--40°C
25
°C
Ta=120
°C
IC / IB=5
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com