Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 35Page - ATMEL Corporation AT25DF081A Datasheet HTML 36Page - ATMEL Corporation AT25DF081A Datasheet HTML 37Page - ATMEL Corporation AT25DF081A Datasheet HTML 38Page - ATMEL Corporation AT25DF081A Datasheet HTML 39Page - ATMEL Corporation AT25DF081A Datasheet HTML 40Page - ATMEL Corporation AT25DF081A Datasheet HTML 41Page - ATMEL Corporation AT25DF081A Datasheet HTML 42Page - ATMEL Corporation AT25DF081A Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
39
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
Figure 12-2. Read Manufacturer and Device ID
12.3
Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power as long as the CS
pin remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability
to place the device into an even lower power consumption state called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands including the Read Status Register command
will be ignored with the exception of the Resume from Deep Power-Down command. Since all commands will be
ignored, the mode can be used as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is accomplished by simply asserting the CS pin, clocking in the opcode of
B9h, and then deasserting the CS pin. Any additional data clocked into the device after the opcode will be ignored.
When the CS pin is deasserted, the device will enter the Deep Power-Down mode within the maximum time of
t
EDPD.
The complete opcode must be clocked in before the CS pin is deasserted, and the CS pin must be deasserted on
an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and return to the
standby mode once the CS pin is deasserted. In addition, the device will default to the standby mode after a power-
cycle.
The Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Deep Power-Down command must be reissued after the internally self-timed operation
has been completed in order for the device to enter the Deep Power-Down mode.
OPCODE
MANUFACTURED ID
DEVICE ID
BYTE 1
DEVICE ID
BYTE 2
EDI
STRING LENGTH
EDI
DATA BYTE 1
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com