Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM81 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT90PWM81
Description  8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT90PWM81 Datasheet HTML 9Page - ATMEL Corporation AT90PWM81 Datasheet HTML 10Page - ATMEL Corporation AT90PWM81 Datasheet HTML 11Page - ATMEL Corporation AT90PWM81 Datasheet HTML 12Page - ATMEL Corporation AT90PWM81 Datasheet HTML 13Page - ATMEL Corporation AT90PWM81 Datasheet HTML 14Page - ATMEL Corporation AT90PWM81 Datasheet HTML 15Page - ATMEL Corporation AT90PWM81 Datasheet HTML 16Page - ATMEL Corporation AT90PWM81 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 325 page
background image
13
7734P–AVR–08/10
AT90PWM81
Figure 3-4.
The Parallel Instruction Fetches and Instruction Executions
Figure 3-5 shows the internal timing concept for the Register File. In a single clock cycle an ALU opera-
tion using two register operands is executed, and the result is stored back to the destination register.
Figure 3-5.
Single Cycle ALU Operation
3.8
Reset and Interrupt Handling
The AVR provides several different interrupt sources. These interrupts and the separate Reset Vector each
have a separate program vector in the program memory space. All interrupts are assigned individual
enable bits which must be written logic one together with the Global Interrupt Enable bit in the Status
Register in order to enable the interrupt. Depending on the Program Counter value, interrupts may be
automatically disabled when Boot Lock bits BLB02 or BLB12 are programmed. This feature improves
software security. See the section “Memory Programming” on page 247 for details.
The lowest addresses in the program memory space are by default defined as the Reset and Interrupt Vec-
tors. The complete list of vectors is shown in “Interrupts” on page 61. The list also determines the priority
levels of the different interrupts. The lower the address the higher is the priority level. RESET has the
highest priority, and next is PSC2 CAPT – the PSC2 Capture Event. The Interrupt Vectors can be moved
to the start of the Boot Flash section by setting the IVSEL bit in the MCU Control Register (MCUCR).
Refer to “Interrupts” on page 61 for more information. The Reset Vector can also be moved to the start of
the Boot Flash section by programming the BOOTRST Fuse, see “Boot Loader Support – Read-While-
Write Self-Programming” on page 232.
3.8.1
Interrupt Behavior
When an interrupt occurs, the Global Interrupt Enable I-bit is cleared and all interrupts are disabled. The
user software can write logic one to the I-bit to enable nested interrupts. All enabled interrupts can then
interrupt the current interrupt routine. The I-bit is automatically set when a Return from Interrupt instruc-
tion – RETI – is executed.
clk
1st Instruction Fetch
1st Instruction Execute
2nd Instruction Fetch
2nd Instruction Execute
3rd Instruction Fetch
3rd Instruction Execute
4th Instruction Fetch
T1
T2
T3
T4
CPU
Total Execution Time
Register Operands Fetch
ALU Operation Execute
Result Write Back
T1
T2
T3
T4
clk
CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com