Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6663-FAQW Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6663-FAQW
Description  LIN Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6663-FAQW Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6663-FAQW Datasheet HTML 2Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 3Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 4Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 5Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 6Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 7Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 8Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 9Page - ATMEL Corporation ATA6663-FAQW Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
9146D–AUTO–09/10
Atmel ATA6663/ATA6664
3.12
Remote Wake-up via Dominant Bus State
A voltage lower than the LIN pre-wake detection V
LINL at pin LIN activates the internal LIN
receiver and starts the wake-up detection timer.
A falling edge at pin LIN, followed by a dominant bus level V
BUSdom maintained for a certain
time period (t
BUS) and a rising edge at pin LIN results in a remote wake-up request. The device
switches to fail-safe mode. Pin INH is activated (switches to V
S) and the internal termination
resistor is switched on. The remote wake-up request is indicated by a low level at pin RXD to
interrupt the microcontroller (see Figure 3-2).
Figure 3-2.
LIN Wake-up Waveform Diagram
In sleep mode the device has a very low current consumption, even during short-circuits or
floating conditions on the bus. A floating bus can arise if the Master pull-up resistor is missing,
e.g., in case it is switched off when the LIN Master is in sleep mode or if the power supply of
the Master node is switched off.
To minimize the current consumption I
VS during voltage levels at the LIN-pin below the LIN
pre-wake threshold, the receiver is activated only for a specific time t
mon. If tmon elapses while
the voltage at the bus is lower than pre-wake detection low (V
LINL) and higher than the LIN
dominant level, the receiver is switched off again and the circuit reverts to sleep mode. The
current consumption is then the result of I
VSsleep plus ILINwake. If a dominant state is reached on
the bus no wake-up will occur. Even if the voltage exceeds the pre-wake detection high
(V
LINH), the IC will remain in sleep mode (see Figure 3-3 on page 7).
This means the LIN bus must be above the Pre-wake detection threshold V
LINH for a few
microseconds before a new LIN wake-up is possible.
Microcontroller start-up
delay time
Bus wake-up filtering time
(tBUS)
Off state
Node in sleep state
High or floating
Low or floating
Low
High
EN High
Normal
Mode
Regulator wake-up time delay
INH
External
voltage
regulator
EN
RXD
LIN bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com