Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VDD
Description  CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VDD Datasheet HTML 1Page - List of Unclassifed Manufacturers VDD Datasheet HTML 2Page - List of Unclassifed Manufacturers VDD Datasheet HTML 3Page - List of Unclassifed Manufacturers VDD Datasheet HTML 4Page - List of Unclassifed Manufacturers VDD Datasheet HTML 5Page - List of Unclassifed Manufacturers VDD Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AnaSem Inc.
4
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
IC电路图
绝对最大工作范围值
:
1) 功率耗散规格是依照IC已上PCB板的条件来定
PCB板的尺寸为 50mm×50mm×1.6mm.
项目
符号
规格
单位
电压输入范围
VIN
–0.3 ~ +7.0
V
输出电流
IOUT
50
mA
电压输出范围
VOUT
VSS –0.3 ~ VIN +0.3
V
SOT-23
PD
400 (on PCB)
mW
功率耗散 ※1)
SON-4
PD
400 (on PCB)
mW
工作温度范围
TOPR
–40 ~ +85
°C
储存温度范围
TSTG
–55 ~ +125
°C
VIN
Vss
Voltage
Reference
+
_
VOUT
CMOS式输出
VIN
Vss
Voltage
Reference
+
_
VOUT
N-沟道式输出
Delay
circuit
Delay circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com