Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRD2JMTX Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VRD2JMTX
Description  CMOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD2JMTX Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VRD2JMTX Datasheet HTML 28Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 29Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 30Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 31Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 32Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 33Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 34Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 35Page - List of Unclassifed Manufacturers VRD2JMTX Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AnaSem Inc.
32
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
角膜贴装和IC装带规格 (SON-6)
装卷尺寸 (SON-6)
(单位 : mm)
90°
120°
2.0±0.5
9.0±0.5
(单位 : mm)
4.0±0.1
2.0±0.05
4.0±0.1
ø1.5
+0.1
–0
ø1.05±0.05
2.4±0.1
0.75±0.1
0.25±0.05
装带方向
Mark
Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com