Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301MNTA Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # VDD301MNTA
Description  CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD301MNTA Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button VDD301MNTA Datasheet HTML 14Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 15Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 16Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 17Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 18Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 19Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 20Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 21Page - List of Unclassifed Manufacturers VDD301MNTA Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
AnaSem Inc.
17
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
IC封装尺寸 (SOT-23)
(单位 : mm)
0~10°
0.15
+0.11
–0.05
0~0.1
1.1±0.15
2.9±0.2
1.9±0.2
0.95
0.95
(Marked Side)
贴装尺寸建议
0.8
1.9
0.95
0.95
0.8
0.8
0.4±0.1
0.4±0.1
0.4±0.1
0~30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com