Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2262 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2262
Description  Remote Control Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2262 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2262 Datasheet HTML 2Page - Princeton Technology Corp PT2262 Datasheet HTML 3Page - Princeton Technology Corp PT2262 Datasheet HTML 4Page - Princeton Technology Corp PT2262 Datasheet HTML 5Page - Princeton Technology Corp PT2262 Datasheet HTML 6Page - Princeton Technology Corp PT2262 Datasheet HTML 7Page - Princeton Technology Corp PT2262 Datasheet HTML 8Page - Princeton Technology Corp PT2262 Datasheet HTML 9Page - Princeton Technology Corp PT2262 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2262 V3.8
- 6 -
September, 2008
Remote Control Encoder
PT2262
CODE FRAME
A Code Frame consists of four (4) continuous Code Words. When PT2262 detects “0” on the /TE
(meaning, the /TE is active “low”), it outputs a Code Frame at DOUT. If /TE is still active at the time the
Code Frame transmission ends, T2262 outputs another Code Frame. It should be noted that the Code
Frame is synthesized at the time of transmission.
/TE
DO UT
o n e fr ame ( = 4 w o r d)
o ne fr ame
o n e fr a me
SIGNAL RESISTOR OSCILLATOR
The built–in oscillator circuitry of PT2262 allows a precision oscillator to be constructed by connecting
an external resistor between OSC1 and OSC2 pins. For PT2272 to decode correctly the received
waveform, the oscillator frequency of PT2272 must be 2.5 ~ 8 times that of transmitting PT2262. The
typical oscillator frequency with various resistor values for both PT2262 and PT2272 are shown below:
Encoder OSC Frequency
Decoder OSC Frequency
100
10
1
(KHz)
3
6
9
12
15
Voltage(V)
R = 510 K
R = 1 M
R = 2 M
R = 3.3 M
R = 4.7 M
1000
100
10
(KHz)
3
6
9
12
15
Voltage(V)
R = 100 K
R = 240 K
R = 510 K
R = 1 M
R = 2 M
Suggested oscillator resistor values are shown below.
PT2262
PT2272
4.7 M
820 K*
3.3 M
680 K*
1.2 M
200 K**
Note:
* -- Operates when PT2272's Vcc=5V to 15V
** -- Operates when PT2272's Vcc=3V to 15V
This means that if PT2272 supply voltage is lower than 5V, you need to use a lower oscillator resistor
value for both PT2262 and PT2272.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com