Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD301SNNA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VDD301SNNA
Description  CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD301SNNA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VDD301SNNA Datasheet HTML 1Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 2Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD301SNNA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AnaSem Inc.
3
Rev. C09-09
VDD 系列
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
.......... Future of the analog world
PIN脚排位 / IC封装记号 (SON-4)
典型应用电路
Pin脚排位
位置
记号
解说
1
VOUT
电压输出
2
VIN
电压输入
3
NC
不接
(开电路)
4
VSS
接地
IC封装记号
位置
记号
解说
A
C 或 N
输出模式
BC
18~60
检测电压
D
S, M 或 L
延迟时间选择
E
A
版本
F
厂方设定
生产批号
(Top view)
VSS
VOUT
NC
4
3
2
1
VIN
A
F
F F F
B C D E
100KΩ
VIN
VOUT
VSS
CMOS式输出
N-沟道式输出
VIN
VOUT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com