Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5615-D Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT5615-D
Description  Ballast Control IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5615-D Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT5615-D Datasheet HTML 1Page - Princeton Technology Corp PT5615-D Datasheet HTML 2Page - Princeton Technology Corp PT5615-D Datasheet HTML 3Page - Princeton Technology Corp PT5615-D Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT5615
V1.0
3
August 2010
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT5615-S
16 Pins, SOP, 150mil
PT5615-S
PT5615-D
16 Pins, DIP, 300mil
PT5615-D
PIN DESCRIPTION
PIN DESCRIPTION
Pin Name
Description
Pin No.
VDD
IC power supply
1
GND
System ground
2
SD
Low side filament sensing and shut-down control
3
RF
Internal current bias control, connecting a external resistor (68K, typ.) to
GND
4
RP
Preheat frequent setting
5
CP
Preheat time setting
6
CT
Capacitor of the RC oscillator
7
RT
Resistor of the RC oscillator
8
EOL1
End-of-life sensing for Lamp1
9
EOL2
End-of-life sensing for Lamp2
10
HSFL
High side filament sensing
11
CS
Half-bridge current sensing
12
LO
Low side gate driver
13
VS
High side driver floating ground
14
HO
High side gate driver
15
VB
High side driver floating supply
16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com