Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6520 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6520 Datasheet HTML 2Page - Princeton Technology Corp PT6520 Datasheet HTML 3Page - Princeton Technology Corp PT6520 Datasheet HTML 4Page - Princeton Technology Corp PT6520 Datasheet HTML 5Page - Princeton Technology Corp PT6520 Datasheet HTML 6Page - Princeton Technology Corp PT6520 Datasheet HTML 7Page - Princeton Technology Corp PT6520 Datasheet HTML 8Page - Princeton Technology Corp PT6520 Datasheet HTML 9Page - Princeton Technology Corp PT6520 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PT6520
V1.9
6
July 2010
FUNCTION DESCRIPTION
DISPLAY COMMANDS
(Based on the 80 port MPU; the RD and WR commands differ for the 68 port MPU)
Command
RD WR A0 D7 D6
D5
D4 D3
D2 D1 D0
Function
1
Display ON/OFF
1
0
0
1
0
1
0
1
1
1
0/1
Switches the entire display ON or OFF,
regardless of the Display RAM’s data or
the internal status. *
2
Display START Line
1
0
0
1
1
0
Display START Address
(0-31)
Determines the line of RAM data to be
displayed at the display’s top line
(COM0)
3
Page Address Set
1
0
0
1
0
1
1
1
0
Page
(0-3)
Sets the page of the Display RAM in the
page address register.
4
Column (segment)
Address Set
1
0
0
0
Column address(0-79)
Sets the column address of the Display
RAM in the column address register.
5
Status Read
0
1
0
00
0
0
Read the status.
Busy 1: Busy (internal processing)
0: Ready status
ADC 1: Rightward (forward) output
0: Leftward (reverse) output
ON/OFF 1: Display OFF
0: Display ON
RESET 1: Resetting. 0: Normal
6
Write Display Data
1
0
1 Write Data
Writes the data
on the data bus
to RAM
These commands
access a
previously-specified
address of the Display
RAM, after which the
column address is
incremented by one.
7
Read Display Data
0
1
1 Read Data
Reads data
from the
Display RAM
onto the data
bus.
8
ADC Select
1
0
0
1
0
1
0
0
0
0
0/1
Used to reverse the correspondence
between the Display RAM’s column
address and segment driver output
ports
0: Rightward (forward)output
1: Leftward (reverse) output
9
Static Drive ON/OFF
1
0
0
1
0
1
0
0
1
0
0/1
Selects normal display operation or
static all-lit drive display operation.
1: Static drive (power save)*
0: Normal display operation
10
Duty Select
1
0
0
1
0
1
0
1
0
0
0/1
Selects the duty factor for driving LCD
cells.
1: 1/32 duty,
0: 1/16 duty
11
Read Modify Write
1
0
0
1
1
1
0
0
0
0
0
Increments column address counter by
1 when display is written.
(This is not done when data is read)
12
End
1
0
0
1
1
1
0
1
1
1
0
Cancels the Ready Modify Write mode.
13
Reset
1
0
0
1
1
1
0
0
0
1
0
Resets the display START line to the 1st
line in the register.
Resets the column address counter to 0
and page address to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com